Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS8579 Datasheet(PDF) 29 Page - OSRAM GmbH

Part # AS8579
Description  Capacitive Sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS8579 Datasheet(HTML) 29 Page - OSRAM GmbH

Back Button AS8579 Datasheet HTML 25Page - OSRAM GmbH AS8579 Datasheet HTML 26Page - OSRAM GmbH AS8579 Datasheet HTML 27Page - OSRAM GmbH AS8579 Datasheet HTML 28Page - OSRAM GmbH AS8579 Datasheet HTML 29Page - OSRAM GmbH AS8579 Datasheet HTML 30Page - OSRAM GmbH AS8579 Datasheet HTML 31Page - OSRAM GmbH AS8579 Datasheet HTML 32Page - OSRAM GmbH AS8579 Datasheet HTML 33Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
Document Feedback
AS8579
Register Description
Datasheet
• PUBLIC
DS000707
• v4-01 • 2022-Jun-08
43
│ 28
Figure 27:
EDIV Register
EDIV [3:0] Binary
Read/Write
CLK_E Frequency
Dividing Factor
0000
R/W
12
0001
R/W
11
0010
R/W
10
0011
R/W
9
0100
R/W
8
0101
R/W
7
0110
R/W
6
0111
R/W
5
1000
R/W
4
1001
R/W
3
1010
R/W
2
1011
R/W
1
1100
R/W
1
1101
R/W
1
1110
R/W
1
1111
R/W
1
The clock obtained by the frequency division of the CLK is called MCLK and is used to clock all the
digital part except the SPI interface. Each time there is an EDIV change, an automatic OTP reset is
generated to clean up the memory from possible timing error if the previous selected MCLK was
higher than 4 MHz. The reload of the OTP memory takes less than 8190 MCLK clock cycles, during
the reload phase it is possible to have SPI communication, but not possible to start sensing.
7.2.7
Frequency Selection Register (Address 0x21/0x31)
The 0x31 command is used to select the sine wave generator frequency for the sensor driver output.
At power-up, FREQ default is set to 0x00. The 0x21 command is used to read the current value of
FREQ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com