Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7331 Datasheet(PDF) 16 Page - OSRAM GmbH

Part # AS7331
Description  Spectral UVA/B/C Sensor
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7331 Datasheet(HTML) 16 Page - OSRAM GmbH

Back Button AS7331 Datasheet HTML 12Page - OSRAM GmbH AS7331 Datasheet HTML 13Page - OSRAM GmbH AS7331 Datasheet HTML 14Page - OSRAM GmbH AS7331 Datasheet HTML 15Page - OSRAM GmbH AS7331 Datasheet HTML 16Page - OSRAM GmbH AS7331 Datasheet HTML 17Page - OSRAM GmbH AS7331 Datasheet HTML 18Page - OSRAM GmbH AS7331 Datasheet HTML 19Page - OSRAM GmbH AS7331 Datasheet HTML 20Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 72 page
background image
Document Feedback
AS7331
Functional Description
Datasheet
• PUBLIC
DS001047
• v4-00 • 2023-Mar-24
71
│ 15
7
Functional Description
The AS7331 includes three internal photodiodes with different spectral sensitivities and three ADCs,
each one for each spectral photodetector. The irradiance responsivity Re and the time of conversion
TCONV are user-defined and determined by the registers CREG1:GAIN and CREG1:TIME. Both, Gain
and conversion time can be adapted to match the measurement conditions. At the end of each
conversion, the digital equivalents of the filtered input light signal regarding the area of the sensor are
stored in the output registers (MRES1 … MRES3). With the divider, the 16-bit of interest can be
selected out of the 24-bit ADC output. Additionally, a temperature sensor works in parallel to the three
optical channels, delivering the on-chip temperature at the end of conversion. The READY pin remains
at a low logic level during the conversion. The rising edge and the following high logic level of READY
signal, the end of the conversion. Internal information related to the conversion is available in a status
register as well.
Figure 10:
Photodiode Array
7.1
Operational States
The AS7331 operates in two different states
“Configuration” and “Measurement”. The three least
significant bits of the Operational State Register (OSR) as Device Operational State (DOS) define the
current state. After applying the power supply voltage, including power-on reset, or after software
reset, the AS7331 stays in the Power-Down state. Then it is ready to be programmed via the I²C
interface. When Power-Down is switched off (OSR: PD set to
‚0‘), the AS7331 starts in the
Configuration state (CONFIG) or the Measurement state (MMODE) according to its DOS
programming.
C
B
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com