Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7221 Datasheet(PDF) 24 Page - OSRAM GmbH

Part # AS7221
Description  CCT Tuning Smart Lighting Manager
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7221 Datasheet(HTML) 24 Page - OSRAM GmbH

Back Button AS7221 Datasheet HTML 20Page - OSRAM GmbH AS7221 Datasheet HTML 21Page - OSRAM GmbH AS7221 Datasheet HTML 22Page - OSRAM GmbH AS7221 Datasheet HTML 23Page - OSRAM GmbH AS7221 Datasheet HTML 24Page - OSRAM GmbH AS7221 Datasheet HTML 25Page - OSRAM GmbH AS7221 Datasheet HTML 26Page - OSRAM GmbH AS7221 Datasheet HTML 27Page - OSRAM GmbH AS7221 Datasheet HTML 28Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
Document Feedback
AS7221
I²C Master Interface
Datasheet
• PUBLIC
DS000479
• v4-00 • 2019-Jun-28
55
│ 23
8
I²C Master Interface
External sensors with native support by the AS7221 can be added via the I²C master interface. For
example the ams current TSL25721 or legacy TSL45315 can be used to add daylighting operation to
the AS7221. Once the supported ambient light sensor is detected by the AS7221, and the daylighting
is activated by using the ATDL=1 command, daylighting operation begins. Native support is provided
for selected ams environmental sensors including temperature, humidity and air quality/VOC.
The I2C Master interface uses I2C serial protocol for communication with 7+1-bit chip addressing mode
and full-speed clock frequency. Read and Write transactions comply with the standard set by Philips
(now NXP).The I2C master interface can be used as a UART to I2C Bridge to connect to other I2C
external sensors that do not have native support in the smart lighting firmware. Supporting smart
lighting commands enable pass-through communications with non-natively supported devices.
8.1
I²C Protocol
Figure 19:
I
2C Symbol Definition
Symbol
Definition
RW
Note
S
Start condition after stop
R
1-bit
Sr
Repeated start
R
1-bit
SW
Slave address for write
R
Slave address
SR
Slave address for read
R
Slave address
WA
Word address
R
8-bit
A
Acknowledge
W
1-bit
N
No acknowledge
R
1-bit
Data
Data/write
R
8-bit
Data (n)
Data/read
W
8-bit
P
Stop condition
R
1-bit
WA++
Slave increment word address
R
During acknowledge
The above I²C symbol definition table describes the symbols used in the following Read and Write
descriptions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com