| Electronic Components Datasheet Search |
|
AM6232ASGGHAALW Datasheet(PDF) 64 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM6232ASGGHAALW Datasheet(HTML) 64 Page - Texas Instruments |
|
64 / 260 page ![]() Table 6-23. GPIO1 Signal Descriptions (continued) SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALW PIN [4] AMC PIN [4] GPIO1_8 IO General Purpose Input/Output A19 B17 GPIO1_9 IO General Purpose Input/Output B18 A18 GPIO1_10 IO General Purpose Input/Output E18 D18 GPIO1_11 IO General Purpose Input/Output B20 C17 GPIO1_12 IO General Purpose Input/Output D20 C16 GPIO1_13 IO General Purpose Input/Output E19 D15 GPIO1_14 IO General Purpose Input/Output A20 D16 GPIO1_15 IO General Purpose Input/Output A13 C11 GPIO1_16 (1) IO General Purpose Input/Output C13 D13 GPIO1_17 IO General Purpose Input/Output A14 D12 GPIO1_18 IO General Purpose Input/Output B13 C12 GPIO1_19 IO General Purpose Input/Output B14 A14 GPIO1_20 IO General Purpose Input/Output D14 A13 GPIO1_21 IO General Purpose Input/Output E14 E11 GPIO1_22 IO General Purpose Input/Output A15 B14 GPIO1_23 IO General Purpose Input/Output B15 C13 GPIO1_24 IO General Purpose Input/Output C15 B13 GPIO1_25 IO General Purpose Input/Output E15 A15 GPIO1_26 IO General Purpose Input/Output B16 E12 GPIO1_27 IO General Purpose Input/Output A16 D14 GPIO1_28 IO General Purpose Input/Output B17 A17 GPIO1_29 IO General Purpose Input/Output A17 A16 GPIO1_30 IO General Purpose Input/Output A18 C14 GPIO1_31 (1) IOD General Purpose Input/Output D16 B16 GPIO1_32 (1) IO General Purpose Input/Output AC2 V4 GPIO1_33 (1) IO General Purpose Input/Output AD2 W4 GPIO1_34 (1) IO General Purpose Input/Output AC1 W3 GPIO1_35 (1) IO General Purpose Input/Output AB2 Y2 GPIO1_36 (1) IO General Purpose Input/Output Y4 W1 GPIO1_37 (1) IO General Purpose Input/Output AA3 W2 GPIO1_38 (1) IO General Purpose Input/Output AA1 V1 GPIO1_39 (1) IO General Purpose Input/Output AA2 V2 GPIO1_40 (1) IO General Purpose Input/Output AB1 Y1 GPIO1_41 (1) IO General Purpose Input/Output Y3 V3 GPIO1_42 (1) IO General Purpose Input/Output D22 C19 GPIO1_43 (1) IO General Purpose Input/Output C21 B20 GPIO1_44 (1) IO General Purpose Input/Output B21 B19 GPIO1_45 (1) IO General Purpose Input/Output A22 A19 GPIO1_46 (1) IO General Purpose Input/Output B22 A20 GPIO1_47 (1) IO General Purpose Input/Output A21 C18 GPIO1_48 (1) IO General Purpose Input/Output D17 C15 GPIO1_49 (2) IO General Purpose Input/Output C17 B15 GPIO1_50 IO General Purpose Input/Output C20 D17 AM625, AM625-Q1, AM623, AM620-Q1 SPRSP58B – JUNE 2022 – REVISED JUNE 2023 www.ti.com 64 Submit Document Feedback Copyright © 2023 Texas Instruments Incorporated Product Folder Links: AM625 AM625-Q1 AM623 AM620-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |