Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CWD2425 Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # CWD2425
Description  PANEL MOUNT SOLID STATE RELAYS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

CWD2425 Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  CWD2425 Datasheet HTML 1Page - Sensata Technologies, Inc. CWD2425 Datasheet HTML 2Page - Sensata Technologies, Inc. CWD2425 Datasheet HTML 3Page - Sensata Technologies, Inc. CWD2425 Datasheet HTML 4Page - Sensata Technologies, Inc. CWD2425 Datasheet HTML 5Page - Sensata Technologies, Inc. CWD2425 Datasheet HTML 6Page - Sensata Technologies, Inc. CWD2425 Datasheet HTML 7Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.sensata.com
Page 2
Copyright © 2020 Sensata Technologies, Inc.
Description
CWD
CWA
CWAxxxxE
CWU
Control Voltage Range
3-32 VDC
90-280 VAC (4)
18-36 VAC
20-48 VDC/ 20-280 VAC
Maximum Reverse Voltage
-32 VDC
-
-
-
Minimum Turn-On Voltage
3 VDC (5)
90 VAC
18 VAC
19 VDC/VAC
Must Turn-Off Voltage
1 VDC
10 VAC
4 VAC
5 VDC/VAC
Minimum Input Current (for on-state)
10 mA
6 mA
13 mA
7/13 mA
Maximum Input Current
15 mA
10 mA
15 mA
11/9 mA
Nominal Input Impedance
Current Regulated
Current Regulated
Current Regulated
Current Regulated
Maximum Turn-On Time [msec]
1/2 Cycle (6)
20
20
20
Maximum Turn-Off Time [msec]
1/2 Cycle
30
30
30
Description
Parameters
Dielectric Strength, Input/Output/Base (50/60Hz)
4000 Vrms
Minimum Insulation Resistance (@ 500 VDC)
109 Ohms
Maximum Capacitance, Input/Output
8 pF
Ambient Operating Temperature Range (7)
-40 to 80 °C
Ambient Storage Temperature Range
-40 to 125 °C
Weight (typical)
2.88 oz (81.53 g)
Housing Material
UL94 V-0
Baseplate Material
Aluminum
Input Terminal Screw Torque Range (lb-in/Nm)
13-15 /1.5-1.7
Load Terminal Screw Torque Range (lb-in/Nm)
18-20 / 2-2.2
SSR Mounting Screw Torque Range (lb-in/Nm)
18-20 / 2-2.2
Input/Output Terminal Screw Thread Size
#6-32 UNC / #8-32 UNC
Humidity per IEC60068-2-78
93% non-condensing
LED Input Status Indicator
Green
MTBF (Mean Time Between Failures) at 40°C ambient
temperature (8)
11,641,553 hours (1,328 years)
MTBF (Mean Time Between Failures) at 60°C ambient
temperature (8)
7,210,376 hours (823 years)
Minimum Power Factor (with Maximum Load) (2)
0.5
0.5
0.5
0.5
0.5
HP Rating UL 508/IEC60947 [-10 Option][HP (KW)]: 120 VAC
0.5 (0.37)
1 (0.74)
2 (1.5)
3 (2.24)
5 (3.37)
HP Rating UL 508/IEC60947 [-10 Option][HP (KW)]: 240 VAC
1.5 (1.1)
3 (2.2)
5 (3.73)
7.5 (5.6)
10 (7.5)
HP Rating UL 508/IEC60947 [HP (KW)]: 120 VAC
0.5 (0.37)
0.75 (0.56)
1 (0.74)
2 (1.5)
3 (2.24)
HP Rating UL 508/IEC60947 [HP (KW)]: 240 VAC
1.5 (1.1)
2 (1.5)
3 (2.2)
5 (3.73)
7.5 (5.6)
Input (1)
General (1)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com