Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4635803 Datasheet(PDF) 1 Page - Turck, Inc.

Part # 4635803
Description  Inductive Sensor – With Extended Switching Distance
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

4635803 Datasheet(HTML) 1 Page - Turck, Inc.

  4635803 Datasheet HTML 1Page - Turck, Inc. 4635803 Datasheet HTML 2Page - Turck, Inc. 4635803 Datasheet HTML 3Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TURCK Inc. | 3000 Campus Drive Minneapolis, MN 55441-2656 | Phone: 763-553-7300 | Application Support: 1-800-544-7769 | Fax 763-553-0708 | www.turck.com
1|3
NI6U-EG08-AN6X
Inductive Sensor – With Extended Switching Distance
Technical data
Type
NI6U-EG08-AN6X
ID
4635803
General data
 
Rated switching distance
6 mm
Mounting conditions
Non-flush
Secured operating distance
≤ (0.81 × Sn) mm
Repeat accuracy
≤ 2 % of full scale
Temperature drift
≤ ±10 %
≤ ± 20 %, ≤ 0 °C
Hysteresis
3…15  %
Electrical data
 
Operating voltage
10…30  VDC
Residual ripple
≤ 10 % U
ss
DC rated operational current
≤ 150 mA
No-load current
15  mA
Residual current
≤ 0.1 mA
Isolation test voltage
≤ 0.5 kV
Short-circuit protection
yes / Cyclic
Voltage drop at I
e
≤ 1.8 V
Wire breakage/Reverse polarity protection yes / Complete
Output function
3-wire, NO contact, NPN
DC field stability
200 mT
AC field stability
200 mT
SS
Insulation class
÷
Features
■Threaded barrel, M8 x 1
■Stainless steel, 1.4427 SO
■Factor 1 for all metals
■Protection class IP68
■Resistant to magnetic fields
■Large switching distance
■High switching frequency
■Integrated protection against predamping
■Little metal-free spaces
■DC 3-wire, 10…30 VDC
■NO contact, NPN output
■Cable connection
Wiring diagram
Functional principle
Inductive sensors are designed for wear-free
and contactless detection of metal objects.
uprox+ sensors have significant advantages
due to their patented multi-coil system. They
excel thanks to their optimum switching
distances, maximum flexibility and operational
reliability as well as efficient standardization.


Similar Part No. - 4635803

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
4635800 TURCK-4635800 Datasheet
413Kb / 3P
Inductive Sensor – With Extended Switching Distance
11/07/2023
4635801 TURCK-4635801 Datasheet
1Mb / 3P
Inductive Sensor – With Extended Switching Distance
11/07/2023
4635802 TURCK-4635802 Datasheet
452Kb / 3P
Inductive Sensor – With Extended Switching Distance
11/07/2023
4635805 TURCK-4635805 Datasheet
451Kb / 3P
Inductive Sensor – With Extended Switching Distance
11/07/2023
4635808 TURCK-4635808 Datasheet
324Kb / 3P
Inductive Sensor – With Extended Switching Distance
11/07/2023
More results

Similar Description - 4635803

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2R-A01 OMRON-E2R-A01 Datasheet
374Kb / 4P
Compact Low Profile Inductive Proximity Sensor with 5 mm Sensing Distance
logo
Turck, Inc.
BI10-EG30-Y1X TURCK-BI10-EG30-Y1X Datasheet
395Kb / 4P
Inductive sensor With extended temperature range
BI10-EM30WDTC-Y1X TURCK-BI10-EM30WDTC-Y1X Datasheet
348Kb / 4P
Inductive sensor With extended temperature range
logo
Molex Electronics Ltd.
1202530061 MOLEX-1202530061 Datasheet
38Kb / 1P
Contrinex Inductive Sensor, M18 Housing, 20mm Operating Distance, Nonembeddable
1202530065 MOLEX-1202530065 Datasheet
38Kb / 1P
Contrinex Inductive Sensor, M18 Housing, 20mm Operating Distance, Nonembeddable
1202530069 MOLEX-1202530069 Datasheet
40Kb / 1P
Contrinex Inductive Sensor, M30 Housing, 22mm Operating Distance
1202530070 MOLEX-1202530070 Datasheet
41Kb / 1P
Contrinex Inductive Sensor, M30 Housing, 22mm Operating Distance
1202530071 MOLEX-1202530071 Datasheet
40Kb / 1P
Contrinex Inductive Sensor, M30 Housing, 22mm Operating Distance
1202530074 MOLEX-1202530074 Datasheet
42Kb / 1P
Contrinex Inductive Sensor, M30 Housing, 22mm Operating Distance, Quasiembeddable
logo
Turck, Inc.
BI2-EG08-AP6X-V1131 TURCK-BI2-EG08-AP6X-V1131 Datasheet
652Kb / 3P
Inductive Sensor – With Increased Switching Distance
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com