Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCK2000 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCK2000
Description  CK97 66/100MHz System Clock Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2000 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCK2000 Datasheet HTML 1Page - NXP Semiconductors PCK2000 Datasheet HTML 2Page - NXP Semiconductors PCK2000 Datasheet HTML 3Page - NXP Semiconductors PCK2000 Datasheet HTML 4Page - NXP Semiconductors PCK2000 Datasheet HTML 5Page - NXP Semiconductors PCK2000 Datasheet HTML 6Page - NXP Semiconductors PCK2000 Datasheet HTML 7Page - NXP Semiconductors PCK2000 Datasheet HTML 8Page - NXP Semiconductors PCK2000 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Philips Semiconductors
Product specification
PCK2000
CK97 (66/100MHz) System Clock Generator
2
1998 Sep 29
853-2129 20102
FEATURES
Mixed 2.5V and 3.3V operation
Four CPU clocks at 2.5V
Eight synchronous PCI clocks at 3.3V, one free-running
Two 2.5V IOAPIC clocks @ 14.318 MHz
Two 3.3V 48MHz USB clock outputs
Three 3.3V reference clocks @ 14.318 MHz
Reference 14.31818 MHz Xtal oscillator input
100 MHz or 66 MHz operation
Part provides frequencies for Pentium Pro and
Pentium II
™ motherboards
Power management control input pins
175 ps CPU clock jitter
175 ps skew on outputs
1.5 – 4 ns CPU–PCI delay
Power down if PWRDWN is held LOW
Available in 48-pin SSOP package
See PCK2000M for 28-pin mobile version
DESCRIPTION
The PCK2000 is a clock synthesizer/driver chip for a Pentium Pro or
other similar processors.
The PCK2000 has four CPU clock outputs at 2.5V. There are eight
PCI clock outputs running at 33MHz. One of the PCI clock outputs is
free-running. Additionally, the part has two 3.3V USB clock outputs
at 48MHz, two 2.5V IOAPIC clock outputs at 14.318MHz, and three
3.3V reference clock outputs at 14.318MHz. All clock outputs meet
Intel’s drive strength, rise/fall time, jitter, accuracy, and skew
requirements.
The part possesses dedicated powerdown, CPUSTOP, and
PCISTOP input pins for power management control. These inputs
are synchronized on-chip and ensure glitch-free output transitions.
When the CPUSTOP input is asserted, the CPU clock outputs are
driven LOW. When the PCISTOP input is asserted, the PCI clock
outputs are driven LOW, except for free running PCICLK_F clock
output..
Finally, when the PWRDWN input pin is asserted, the internal
reference oscillator and PLLs are shut down, and all outputs are
driven LOW.
The PCK2000 is available in a 48–pin SSOP package.
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
21
22
23
24
41
42
43
44
45
46
47
48
REF0
REF1
VSSREF
XTAL_IN
XTAL_OUT
VSSPCI0
PCICLK_F
VDDPCI0
PCICLK1
PCICLK2
PCICLK3
VSSPCI1
PCICLK4
PCICLK5
VDDPCI1
PCICLK6
PCICLK7
VSSPCI2
VDDCORE0
VSSCORE0
VDD48MHz
48MHz0
48MHz1
VSS48MHz
VDDREF
REF2
VDDAPIC
IOAPIC0
IOAPIC1
VSSAPIC
RESERVED
VDDCPU0
CPUCLK0
CPUCLK1
VSSCPU0
VDDCPU1
CPUCLK2
CPUCLK3
VSSCPU1
VDDCORE1
VSSCORE1
PCISTOP
CPUSTOP
PWRDWN
RESERVED
SEL0
SEL1
SEL100/66
SW00237
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DRAWING NUMBER
48-Pin Plastic SSOP
0
°C to +70°C
PCK2000 DL
PCK2000 DL
SOT370-1
Intel and Pentium are registered trademarks of Intel Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com