Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCF5083H/001/F2 Datasheet(PDF) 83 Page - NXP Semiconductors

Part # PCF5083H/001/F2
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083H/001/F2 Datasheet(HTML) 83 Page - NXP Semiconductors

Back Button PCF5083H/001/F2 Datasheet HTML 79Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 80Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 81Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 82Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 83Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 84Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 85Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 86Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 87Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 136 page
background image
1996 Oct 29
83
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
MP_write_audio_out_fifo
The n_words located in buffer buff_id are copied from the DSP data
memory into the audio output FIFO. This FIFO collects the samples that
have to be sent to the DAC.
If the FIFO is not empty enough to receive all samples an ERROR
message is sent to the SC.
49
buff_id
n_words
−
MP_write_data_frame
This procedure generates an output data frame of framelength words
(typical 160) as described in Section 9.1.5.2 and writes it into the audio
output FIFO. All n_ctrl_bytes control data bytes are unpacked and written to
the control data block. If no control bytes are available, only the control data
header is transmitted. The channel decoder output data located in buffer
user_buff_id are written to the user data block.
If the audio output FIFO is not empty enough for framelength samples, an
ERROR message is automatically sent to the SC (AUDIO_FIFO_FULL).
77
user_buff_id
framelength
n_ctrl_bytes
ctrl_bytes[ ]
−
MP_write_mod_out_fifo
The n_words located in buffer buff_id are copied to the modulator output
FIFO. This FIFO collects the samples that have to be transmitted to the
GMSK modulator.
If the FIFO is not empty enough to receive all samples an ERROR
message is automatically sent to the SC.
50
buff_id
n_words
−
MP_write_normal_bursts
The n_bursts normal bursts located in buffer buff_id are copied to the
modulator output FIFO.
If the FIFO is not empty enough to receive all samples an ERROR
message is automatically sent to the SC.
50
buff_id
n_burst
−
DESCRIPTION
ID
PARAMETERS
RETURN
VALUES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com