| Electronic Components Datasheet Search |
|
PCF5083H/F2 Datasheet(PDF) 95 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF5083H/F2 Datasheet(HTML) 95 Page - NXP Semiconductors |
|
95 / 136 page ![]() 1996 Oct 29 95 Philips Semiconductors Objective specification GSM signal processing IC PCF5083 9.4.4.2 Loop-back mode During TCH_LOOP mode the CP_TX_SPEECH and CP_RX_SPEECH procedures have to be replaced by the following procedures: • Replacement for CP_tx_speech: MP_read_audio_in_fifo (SCRATCH_BUFF, 160) DB_copy_buffer (TCH_LOOP_BUFF, SCRATCH_BUFF, 0, 0, 82) CM_convert_tchfs_data(bfi_sig_flag) CM_encoder_tchfs(dtx_flag, taf, facch_flag, facch_msg[12]) CP_tx_four_normal_bursts (tsc) • Replacement for CP_rx_speech: CM_decoder_tchfs( ) DB_copy_buffer(SCRATCH_BUFF, TCH_LOOP_BUFF, 0, 0, 82) DB_fill_buffer(SCRATCH_BUFF, 0, 0, 160) MP_write_audio_out_fifo(SCRATCH_BUFF, 160). 9.4.4.3 Initialization messages for normal mode Before the first TDMA frame of a TCH/FS can be processed, several initialization messages have to be sent to the DSP. Initialization is done in 2 DMA frames as shown in Table 72. The first one or two results of CM_decoder_TCH are based on only partially observed input data, since 8 successive normal bursts are needed due to interleaving. Table 71 Parameter nb nb t2s 4 0 4 8 13 17 21 25 3 1 5 9 14 18 22 10 22 6 − 15 19 23 − 5 3 7 12162024 − 611 −−−−−− Table 72 Initialization messages Table 73 Initialization procedures Notes 1. Procedures to be started via EXEC_PROC in TDMA frame FN (TCH/FS normal mode). 2. t1s =FNs divided by 26 × 51; t2s =FNs modulo 26; t3s =FNs modulo 51. 3. The parameter nb determines the number of normal bursts to be written into the modulator output FIFO in the initialization frame. It depends on the frame number of the 1st processed frame in accordance with Table 71. TDMA FRAME EXPLANATION FNs − 2 In this TDMA frame the message for initialization of speech CODEC, channel CODEC and ciphering are sent to the DSP. Furthermore the modulator out FIFO is filled with the proper number of bursts and synchronization between TDMA frame timing and speech frame timing is performed and the audio interface is enabled by setting the IO1 pin. No data is received or transmitted within this frame. FNs − 1 In this TDMA frame the EXEC_PROC messages for the procedures processing the data of frame FNs are sent to the DSP. No data is received or transmitted within this frame. FNs In this TDMA frame the normal processing of receive and transmit data takes place. fn PROCEDURES(1) NW RX TX MX FNs − 2 CP_start_TCHFS (enc_flag, dec_flag, t1s, t2s, t3s, kc[4], nb); notes 2 and 3 DB_write_register (11, 0x0100, 1); set IO1 = 1 21 000 FNs − 1 The correct value for NW must be looked-up in Table 70 ‘...’ 0 0 0 FNs The correct value for NW must be looked up in Table 70 ‘...’ 149 164 151 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |