Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMC Datasheet(PDF) 2 Page - PCE Instruments.

Part # FMC
Description  Technical Moisture Meter FMC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

FMC Datasheet(HTML) 2 Page - PCE Instruments.

  FMC Datasheet HTML 1Page - PCE Instruments. FMC Datasheet HTML 2Page - PCE Instruments. FMC Datasheet HTML 3Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
- Agathis (heavy, light)
- Alcere
- Alerce (European, Japanese,
Russian)
- Alerce (American, East, West)
- Red Cedar
- Douglasie (heavy, light)
- Mañio
- Pine (European, Nordic)
- Pine (light, heavy, Caribbean,
American)
- Pine (European, Nordic, Kern,
Spint)
- Pine (French)
- Pine Parana
- Pine Radiata
- Pine Sitka
- Pine Sugar
- Pine Weymouth
- Yellowwood
- Redwood (Californian, heavy, light)
- Sugi
Building materials
- Papier-mâché
- Concrete (200 kg/m³)
- Concrete (350 kg/m³)
- Concrete (500 kg/m³)
- Gas concrete
- Bricks
- Lime mortar
- MDF
- Floor (anhydrite)
- Floor of cement (Arduparid)
- Floor of cement mortar (1 : 3)
- Floor (Elastizell)
- Floor gypsum
- Lime-stone
- Asbestos - cement
- Asphalt fiber
- Gypsum
- Gypsum (synthetic)
Paper / cardboard / carton
- Assi
- Bilerud
- Paper (in general)
- Kraft paper (150 g/m²)
- Kraft paper (440 g/m²)
- SC paper (150 g/m²)
- PWA ...
To take into account:
- Birch (European)
- Abura
- Afrormosia
- Poplar
- Alone
- Amburana
- Avodire
- Baboen
- Balsa
- Bilinga
- Bodo
- Bomanga
- Bonkonko
- Bosse
- Mahogany (Bassam, Honduras, sapeli, sipo, tiama)
- Chestnut (noble)
- Cherry-tree (European, American)
- Cedar
- Poplar
- Keruing (light, heavy)
- Dabema
- Danta
- Dibetou
- Durian
- Essessang
- Framire
- Freijo
- Ash (European)
- Fuma
- Beech (European, vapourised, non-vapourised)
- Igaganga
- Ilomba
- Iroko
- Jelutong
- Kapur
- Kosipo
- Krappa
- Kwarie
- Lauan (red)
- Limba
- Makore
- Mansonia
- Matakki
- Matoa
- Mengkulang
- Meranti (dark red, light red)
- Movingui
- Muninga
- Niangon
- Walnut (European, American)
- Satin walnut
- Oega
- Elm
- Okoume
- Padouk (African)
- Pear tree



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com