Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCE-EP29 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-EP29
Description  Analogue Indicator PCE-EP29
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-EP29 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-EP29 Datasheet HTML 1Page - PCE Instruments. PCE-EP29 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
GeneralTechnical Specifications of the Analogue Display PCE-EP 29
Measuringrange (for immediate voltage
measurement)
500V AC (phase to phase)
300 V (phase to N)
Measuringrange (for measurement by transformer)
x/ 100 V
x / 110 V
Accuracyclass
1.5
Frequencyof measuring signal 
45... 65 Hz
Maximumoperating voltage (P-N)
600V
Measurementcategory
CATIII
Pollutiongrade
2
Overload
100% of chosen measuring
range
Frontpanel size
92x 92 mm
Overallsize
96x 96 x 45 mm
Scalelength
95mm
Weight
290g
Electricalconnection
screwclamps
IPCode
IP50
More information
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com