| Electronic Components Datasheet Search |
|
PCE-HT Datasheet(PDF) 1 Page - PCE Instruments. |
|
|
|||||||||||||||||||||||||||||
PCE-HT Datasheet(HTML) 1 Page - PCE Instruments. |
|
1 / 2 page ![]() Hygrometer PCE-HT 420IoT Hygrometer PCE-HT 420 Data logger for temperature and humidity / MQTT / Power supply unit or PoE (Power over Ethernet) / LC display / Visualization in web browser / 8 GB memory The data logger PCE-HT 420 is used to monitor the temperature and humidity. The datalogger is equipped with a network interface. This makes the PCE-HT 420 data logger an ideal solution for objects in which the measurement data must be continuously recorded and monitored. The datalogger continuously stores the measured values on its internal memory. This is read out via browser or FTP client. The web browser also makes all the settings on the datalogger. No additional software is needed. The architecture of the data logger allows up to 10 users to dial in to the datalogger at the same time. Different access levels prevent unauthorized users from making settings to the datalogger. In addition to storing the measured values, the PCE-HT 420 data logger can also alert the user to an alarm when the limit value is exceeded. Furthermore, various users can be notified of this alarm via email. The data logger PCE-HT 420 measures and calculates the following climatic variables: - Temperature Relative humidity - Dew point - Absolute humidity, ie amount of water vapor (in grams) per m³ of atmosphere at certain temperature - Cooling limit temperature - Saturated vapor pressure, ie pressure, at which gas at the specified temperature in equilibrium with liquid (equilibrium between evaporation and condensation) - Enthalpy (energy content) The data logger is supplied via an external power supply unit or via Power over Ethernet. The built-in FTP server provides quick and easy access to archive files using an Internet browser or from the interface of another FTP client. The DHCP protocol allows you to automatically configure the datalogger on the computer network. Furthermore, the data logger supports the Modbus TCP / IP protocol, so that the PCE-HT 420 can also be integrated in machines. All these features make the PCE-HT 420 Datalogger an important instrument wherever indoor climate needs to be monitored. Temperature and humidity sensor Ethernet interface with MQTT function LCD display Alarms via email Audible warning sound 8 GB memory |
Similar Part No. - PCE-HT |
|
Similar Description - PCE-HT |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |