Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STLED316S Datasheet(PDF) 1 Page - STMicroelectronics

Part # STLED316S
Description  Serial-Interfaced 6-Digit LED controller with key scan
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED316S Datasheet(HTML) 1 Page - STMicroelectronics

  STLED316S Datasheet HTML 1Page - STMicroelectronics STLED316S Datasheet HTML 2Page - STMicroelectronics STLED316S Datasheet HTML 3Page - STMicroelectronics STLED316S Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
February 2007
Rev 1
1/4
4
Features
LED driver with 14 outputs (8 segments
/ 6 digits)
40mA load current capability for each segment
Outputs connect directly to the LEDs or can be
open-drain
Key-scanning (8x2 matrix)
Low power consumption in standby mode
3-wire Serial Bus Interface (CLK, STB,
DIN/DOUT)
8-step dimming circuit to control the overall
display brightness
Single external resistor for output current
setting
Inputs with Schmitt trigger give superior noise
immunity
A single LED digit output (DIG1_LED) can be
used to drive up to 8 discrete LEDs
8-step dimming circuit to control brightness of
individual LEDs for LED digit
5.0V (± 10%) for VCC
Drives common-anode LED digits
Built-in power on reset and soft-start circuits
Available in SO24 package
-40°C to 85°C operating temperature range
Applications
Set Top Boxes
White goods
Home appliances
DVD players, VCRs
Description
The STLED316S is a compact LED controller and
driver that interface microprocessors to LED
displays through serial 3-wire interface. It drives
LED connected in common anode configuration.
The STLED316S drives up to 48 discrete LEDs in
8 segment/6 digit configuration while functioning
from a supply voltage of 5.0V. Additionally it can
be used to drive 8 discrete LEDs which form a
part of LED digit. The individual LEDs are wired
as segments of a digit and brightness of these
individual LEDs can be controlled digitally. The
maximum segment current for the display digits is
set through a single external resistor. Individual
digits may be addressed and updated without re-
writing the entire display.
Additionally it includes key scanning for an 8x2
key matrix which automatically scans a matrix of
up to 16 switches. STLED316S supports numeric-
type displays and reduces the overall BOM costs
through high integration. Also it provides ESD
protection of greater than 2kV HBM.
The LED controller/driver is ideal as a peripheral
device to interface the display with a singlechip
microcomputer.
SO-24
STLED316S
Serial-Interfaced 6-Digit LED controller with key scan
www.st.com
Order codes
Part number
Temperature range
Package
Packaging
STLED316SMTR
-65 to +150 °C
SO-24
250 parts per reel


Similar Part No. - STLED316S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLED316S STMICROELECTRONICS-STLED316S Datasheet
441Kb / 33P
Serial-interfaced 6-digit LED controller with keyscan
09-Jan-2008
STLED316SMTR STMICROELECTRONICS-STLED316SMTR Datasheet
441Kb / 33P
Serial-interfaced 6-digit LED controller with keyscan
09-Jan-2008
STLED316S STMICROELECTRONICS-STLED316S_08 Datasheet
441Kb / 33P
Serial-interfaced 6-digit LED controller with keyscan
09-Jan-2008
More results

Similar Description - STLED316S

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD66724 HITACHI-HD66724 Datasheet
834Kb / 117P
(Graphics LCD Controller/Driver with Key Scan Function)
logo
STMicroelectronics
STLED316S STMICROELECTRONICS-STLED316S_08 Datasheet
441Kb / 33P
Serial-interfaced 6-digit LED controller with keyscan
09-Jan-2008
logo
Maxim Integrated Produc...
MAX6954 MAXIM-MAX6954_09 Datasheet
339Kb / 39P
4-Wire Interfaced, 2.7V to 5.5V LED Display Driver with I/O Expander and Key Scan
Rev 4; 3/09
logo
Integrated Silicon Solu...
IS31IO7326 ISSI-IS31IO7326 Datasheet
369Kb / 14P
DEBOUNCED 8횞8 KEY-SCAN CONTROLLER
logo
Unisonic Technologies
UL316 UTC-UL316 Datasheet
214Kb / 5P
SERIAL-INTERFACED 6-DIGIT LED CONTROLLER IC WITH KEYSCAN
logo
Tontek Design Technolog...
TT1628 TONTEK-TT1628 Datasheet
617Kb / 14P
LED Driver with Key Scan Function
TT1668 TONTEK-TT1668 Datasheet
617Kb / 14P
LED Driver with Key Scan Function
logo
Unisonic Technologies
UL318 UTC-UL318 Datasheet
244Kb / 6P
SERIAL-INTERFACED 10-DIGIT LED CONTROLLER IC WITH KEYSCAN
UL319 UTC-UL319 Datasheet
230Kb / 7P
SERIAL-INTERFACED 16-DIGIT LED CONTROLLER IC
UL319B UTC-UL319B Datasheet
215Kb / 7P
SERIAL-INTERFACED 14-DIGIT LED CONTROLLER IC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com