Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTN16 Datasheet(PDF) 8 Page - CUI Devices

Part # PTN16
Description  ROTARY POTENTIOMETER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

PTN16 Datasheet(HTML) 8 Page - CUI Devices

Back Button PTN16 Datasheet HTML 3Page - CUI Devices PTN16 Datasheet HTML 4Page - CUI Devices PTN16 Datasheet HTML 5Page - CUI Devices PTN16 Datasheet HTML 6Page - CUI Devices PTN16 Datasheet HTML 7Page - CUI Devices PTN16 Datasheet HTML 8Page - CUI Devices PTN16 Datasheet HTML 9Page - CUI Devices PTN16 Datasheet HTML 10Page - CUI Devices PTN16 Datasheet HTML 11Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
CUI DEVICES | SERIES: PTN16 | DESCRIPTION: ROTARY POTENTIOMETER
date 05/16/2023 | page 8 of 11
cuidevices.com
MECHANICAL DRAWING (SWITCH SECTION, A TERMINAL CONFIGURATION)
units: mm
tolerance:
X≤10.00: ±0.30 mm
10.00<X≤30.00: ±0.50 mm
30.00<X≤100.00: ±1.0 mm
unless otherwise noted
Recommended PCB Layout
Top View
units: mm
tolerance:
X≤10.00: ±0.30 mm
10.00<X≤30.00: ±0.50 mm
30.00<X≤100.00: ±1.0 mm
unless otherwise noted
Recommended Panel Cutout
Front View
DESCRIPTION
MATERIAL
PLATING/COLOR
shaft
zinc alloy
bushing
zinc alloy
driving plate
POM (UL94HB)
reed
zinc
cupronickel
carbon plate
FR4 (UL94HB)
terminals
cold rolled steel
tin
hoop
cold rolled steel
zinc
DESCRIPTION
MATERIAL
PLATING/COLOR
shaft
zinc alloy
bushing
zinc alloy
driving plate
POM (UL94HB)
reed
zinc
cupronickel
carbon plate
FR4 (UL94HB)
terminals
cold rolled steel
tin
hoop
cold rolled steel
zinc
MECHANICAL DRAWING (SWITCH SECTION, C TERMINAL CONFIGURATION)
Recommended Panel Cutout
Front View
Additional Resources: Product Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com