Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P80C528IFA Datasheet(PDF) 69 Page - NXP Semiconductors

Part # P80C528IFA
Description  8-bit microcontrollers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P80C528IFA Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button P80C528IFA Datasheet HTML 65Page - NXP Semiconductors P80C528IFA Datasheet HTML 66Page - NXP Semiconductors P80C528IFA Datasheet HTML 67Page - NXP Semiconductors P80C528IFA Datasheet HTML 68Page - NXP Semiconductors P80C528IFA Datasheet HTML 69Page - NXP Semiconductors P80C528IFA Datasheet HTML 70Page - NXP Semiconductors P80C528IFA Datasheet HTML 71Page - NXP Semiconductors P80C528IFA Datasheet HTML 72Page - NXP Semiconductors P80C528IFA Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 76 page
background image
1997 Dec 15
69
Philips Semiconductors
Product specification
8-bit microcontrollers
P83C524; P80C528; P83C528
UNIT
A
A
min.
max.
max.
max. max.
1
A4
bp
E (1)
(1)
(1)
eHE
Z
y
w
v
β
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
4.57
4.19
0.51
3.05
0.53
0.33
0.021
0.013
16.66
16.51
1.27
17.65
17.40
0.51
2.16
45
o
0.18
0.10
0.18
DIMENSIONS (millimetre dimensions are derived from the original inch dimensions)
Note
1. Plastic or metal protrusions of 0.01 inches maximum per side are not included.
SOT187-2
D(1)
16.66
16.51
HD
17.65
17.40
E
Z
2.16
D
b1
0.81
0.66
k
1.22
1.07
k 1
0.180
0.165
0.020
0.12
A3
0.25
0.01
0.656
0.650
0.05
0.695
0.685
0.020
0.085
0.007 0.004
0.007
Lp
1.44
1.02
0.057
0.040
0.656
0.650
0.695
0.685
eE
eD
16.00
14.99
0.630
0.590
16.00
14.99
0.630
0.590
0.085
0.032
0.026
0.048
0.042
29
39
44
1
6
717
28
18
40
detail X
(A )
3
bp
w M
A1
A
A4
L p
b1
β
k1
k
X
y
e
E
B
D
H
E
e
E
H
v M B
D
Z D
A
Z E
e
v M A
pin 1 index
112E10
MO-047AC
0
5
10 mm
scale
92-11-17
95-02-25
inches
PLCC44: plastic leaded chip carrier; 44 leads
SOT187-2
D
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com