Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA85 Datasheet(PDF) 2 Page - UN Semiconducctor INC

Part # SA85
Description  5.0 To 190V 500W Axial Lead Transient Voltage Suppressors (TVS)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

SA85 Datasheet(HTML) 2 Page - UN Semiconducctor INC

  SA85 Datasheet HTML 1Page - UN Semiconducctor INC SA85 Datasheet HTML 2Page - UN Semiconducctor INC SA85 Datasheet HTML 3Page - UN Semiconducctor INC SA85 Datasheet HTML 4Page - UN Semiconducctor INC SA85 Datasheet HTML 5Page - UN Semiconducctor INC SA85 Datasheet HTML 6Page - UN Semiconducctor INC SA85 Datasheet HTML 7Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
ROHS
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
2/6
SA Series
5.0 To 190V 500W
Electrical Characteristics(TA=25℃ unless otherwise noted)
Part Number
Uni
Bi
Reverse
Stand-Off
Voltage
VRWM (V)
Breakdown
Voltage VBR (V)
@IT
Maximum
Clamping
Voltage VC
@IPP (V)
Maximum
Peak
Pulse
Current
IPP (A)
Maximum
Reverse
Leakage IR
@VRWM
(μA)
Test
Current
IT (mA)
MIN
MAX
600
600
600
600
400
400
150
150
50
50
25
25
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5.0
5.0
6.0
6.0
6.5
6.5
7.0
7.0
7.5
7.5
8.0
8.0
8.5
8.5
9.0
9.0
10.0
10.0
11.0
11.0
12.0
12.0
13.0
13.0
14.0
14.0
15.0
15.0
16.0
16.0
17.0
17.0
18.0
18.0
19.0
19.0
20.0
20.0
22.0
22.0
24.0
24.0
26.0
26.0
28.0
28.0
30.0
30.0
33.0
33.0
36.0
36.0
40.0
40.0
6.40
6.40
6.67
6.67
7.22
7.22
7.78
7.78
8.33
8.33
8.89
8.89
9.44
9.44
10.00
10.00
11.10
11.10
12.20
12.20
13.30
13.30
14.40
14.40
15.60
15.60
16.70
16.70
17.80
17.80
18.90
18.90
20.00
20.00
21.10
21.10
22.20
22.20
24.40
24.40
26.70
26.70
28.90
28.90
31.10
31.10
33.30
33.30
36.70
36.70
40.00
40.00
44.40
44.40
7.30
7.00
8.15
7.37
8.82
7.98
9.51
8.60
10.20
9.21
10.90
9.83
11.50
10.40
12.20
11.10
13.60
12.30
14.90
13.50
16.30
14.70
17.60
15.90
19.10
17.20
20.40
18.50
21.80
19.70
23.10
20.90
24.40
22.10
25.76
23.30
27.10
24.50
29.80
26.90
32.60
29.50
35.30
31.90
38.00
34.40
40.70
36.80
44.90
40.60
48.90
44.20
54.30
49.10
10
10
10
10
10
10
10
10
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
9.6
9.2
11.4
10.3
12.3
11.2
13.3
12.0
14.3
12.9
15.0
13.6
15.9
14.4
16.9
15.4
18.8
17.0
20.1
18.2
22.0
19.9
23.8
21.5
25.8
23.2
26.9
24.4
28.8
26.0
30.5
27.6
32.2
29.2
34.0
30.8
35.8
32.4
39.4
35.5
43.0
38.9
46.6
42.1
50.0
45.4
53.5
48.4
59.0
53.3
64.3
58.1
71.4
64.5
SA5.0
SA5.0A
SA6.0
SA6.0A
SA6.5
SA6.5A
SA7.0
SA7.0A
SA7.5
SA7.5A
SA8.0
SA8.0A
SA8.5
SA8.5A
SA9.0
SA9.0A
SA10
SA10A
SA11
SA11A
SA12
SA12A
SA13
SA13A
SA14
SA14A
SA15
SA15A
SA16
SA16A
SA17
SA17A
SA18
SA18A
SA19
SA19A
SA20
SA20A
SA22
SA22A
SA24
SA24A
SA26
SA26A
SA28
SA28A
SA30
SA30A
SA33
SA33A
SA36
SA36A
SA40
SA40A
SA5.0C
SA5.0CA
SA6.0C
SA6.0CA
SA6.5C
SA6.5CA
SA7.0C
SA7.0CA
SA7.5C
SA7.5CA
SA8.0C
SA8.0CA
SA8.5C
SA8.5CA
SA9.0C
SA9.0CA
SA10C
SA10CA
SA11C
SA11CA
SA12C
SA12CA
SA13C
SA13CA
SA14C
SA14CA
SA15C
SA15CA
SA16C
SA16CA
SA17C
SA17CA
SA18C
SA18CA
SA19C
SA19CA
SA20C
SA20CA
SA22C
SA22CA
SA24C
SA24CA
SA26C
SA26CA
SA28C
SA28CA
SA30C
SA30CA
SA33C
SA33CA
SA36C
SA36CA
SA40C
SA40CA
52.08
54.35
43.86
48.54
40.65
44.64
37.59
41.67
34.97
38.76
33.33
36.76
31.45
34.72
29.59
32.47
26.60
29.41
24.88
27.47
22.73
25.13
21.01
23.26
19.38
21.55
18.59
20.49
17.36
19.23
16.39
18.12
15.53
17.12
14.70
16.24
13.97
15.43
12.69
14.08
11.63
12.85
10.73
11.88
10.00
11.01
9.35
10.33
8.47
9.38
7.78
8.61
7.00
7.75



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com