Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USB2228 Datasheet(PDF) 21 Page - SMSC Corporation

Part # USB2228
Description  4th Generation USB2.0 Flash Media Controller with Integrated Card Power FETs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2228 Datasheet(HTML) 21 Page - SMSC Corporation

Back Button USB2228 Datasheet HTML 17Page - SMSC Corporation USB2228 Datasheet HTML 18Page - SMSC Corporation USB2228 Datasheet HTML 19Page - SMSC Corporation USB2228 Datasheet HTML 20Page - SMSC Corporation USB2228 Datasheet HTML 21Page - SMSC Corporation USB2228 Datasheet HTML 22Page - SMSC Corporation USB2228 Datasheet HTML 23Page - SMSC Corporation USB2228 Datasheet HTML 24Page - SMSC Corporation USB2228 Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
4th Generation USB2.0 Flash Media Controller with Integrated Card Power FETs
Datasheet
SMSC USB2227/USB2228
21
Revision 1.91 (10-13-06)
DATASHEET
Chapter 6 DC Parameters
6.1
Maximum Guaranteed Ratings
Note: Stresses above the specified parameters may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at any condition above those
indicated in the operation sections of this specification is not implied.
Note: When powering this device from laboratory or system power supplies, it is important that the
Absolute Maximum Ratings not be exceeded or device failure can result. Some power supplies
exhibit voltage spikes on their outputs when the AC power is switched on or off. In addition,
voltage transients on the AC power line may appear on the DC output. When this possibility
exists, it is suggested that a clamp circuit be used.
PARAMETER
SYMBOL
MIN
MAX
UNITS
COMMENTS
Storage
Temperature
TA
-55
150
°C
Lead
Temperature
325
°C
Soldering < 10 seconds
3.3V supply
voltage
VDD33,
VDDA33
-0.5
4.0
V
Voltage on
GPIO3 &
USBDP/DM
pins
-0.5
(3.3V supply voltage + 2)
≤ 6V
Voltage on
GPIO8,10&11
-0.5
VDD33 + 0.3
V
When internal power FET
operation of these pins is
enabled, these pins may be
simultaneously shorted to
ground or any voltage up to
3.63V indefinitely, without
damage to the device as
long as VDD33 and VDDA33
are less than 3.63V and TA
is less than 70°C.
Voltage on any
signal pin
-0.5
VDD33 + 0.3
V
Voltage on
XTAL1
-0.5
4.0
V
Voltage on
XTAL2
-0.5
VDD18 + 0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com