Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM29BDS640HD9VMI Datasheet(PDF) 58 Page - Advanced Micro Devices

Part # AM29BDS640HD9VMI
Description  128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDS640HD9VMI Datasheet(HTML) 58 Page - Advanced Micro Devices

Back Button AM29BDS640HD9VMI Datasheet HTML 54Page - Advanced Micro Devices AM29BDS640HD9VMI Datasheet HTML 55Page - Advanced Micro Devices AM29BDS640HD9VMI Datasheet HTML 56Page - Advanced Micro Devices AM29BDS640HD9VMI Datasheet HTML 57Page - Advanced Micro Devices AM29BDS640HD9VMI Datasheet HTML 58Page - Advanced Micro Devices AM29BDS640HD9VMI Datasheet HTML 59Page - Advanced Micro Devices AM29BDS640HD9VMI Datasheet HTML 60Page - Advanced Micro Devices AM29BDS640HD9VMI Datasheet HTML 61Page - Advanced Micro Devices AM29BDS640HD9VMI Datasheet HTML 62Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 89 page
background image
56
Am29BDS128H/Am29BDS640H
27024B3 May 10, 2006
D A TA
SH EE T
AC CHARACTERISTICS
VCC Power-up
Figure 14.
VCC Power-up Diagram
Notes:
1.
VCC ≥ VIO–100 mV and VCC ramp rate exceeds 1 V/100 µs.
2.
If the VCC ramp rate is less than 1 V /100 µs, a hardware reset will be required.
CLK Characterization
Figure 15.
CLK Characterization
Parameter
Description
Test Setup
Speed
Unit
tVCS
VCC Setup Time
Min
50
µs
tVIOS
VIO Setup Time
Min
50
µs
tRSTH
RESET# Low Hold Time
Min
50
µs
Parameter
Description
66 MHz
54 MHz
Unit
fCLK
CLK Frequency
Max
66
54
MHz
tCLK
CLK Period
Min
15
18.5
ns
tCH
CLK High Time
Min
6.0
7.4
ns
tCL
CLK Low Time
tCR
CLK Rise Time
Max
3
3
ns
tCF
CLK Fall Time
VCCf
VIOf
RESET#
tVCS
tRSTH
tVIOS
tCLK
tCL
tCH
tCR
tCF
CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com