| Electronic Components Datasheet Search |
|
AM29F016D Datasheet(PDF) 7 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29F016D Datasheet(HTML) 7 Page - Advanced Micro Devices |
|
7 / 12 page ![]() 6 Am29F016D Known Good Die June 11, 2002 SU P P L E MEN T ORDERING INFORMATION Standard Products AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed by a combination of the following: Valid Combinations Valid Combinations list configurations planned to be sup- ported in volume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly released combinations. Am29F016D -120 DP C 1 DIE REVISION This number refers to the specific AMD manufacturing process and product technology reflected in this document. It is entered in the revision field of AMD standard product nomenclature. TEMPERATURE RANGE C = Commercial (0°C to +70°C) I = Industrial (–40 °C to +85°C) PACKAGE TYPE AND MINIMUM ORDER QUANTITY DP = Waffle Pack 180 die per 5 tray stack DG = Gel-Pak® Die Tray 432 die per 6 tray stack DT = Surftape™ (Tape and Reel) 2500 per 7-inch reel SPEED OPTION See Product Selector Guide and Valid Combinations DEVICE NUMBER/DESCRIPTION Am29F016D Known Good Die 16 Megabit (2 M x 8-Bit) CMOS Flash Memory—Die Revision 1 5.0 Volt-only Program and Erase Valid Combinations AM29F016D-120 DPC 1, DPI 1, DGC 1, DGI 1, DTC 1, DTI 1, DWC 1, DWI 1 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |