Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS13 Datasheet(PDF) 2 Page - RFE international

Part # SS13
Description  Surface Mount Schottky Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

SS13 Datasheet(HTML) 2 Page - RFE international

  SS13 Datasheet HTML 1Page - RFE international SS13 Datasheet HTML 2Page - RFE international SS13 Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Item
Symbol
Unit
Test Conditions
SS12
SS13 SS14
SS15
SS16
SS19 SS110
Peak Forward Voltage
VF
V
IF=1.0A
0.55
0.70
0.85
Peak Reverse Current
IRRM1
mA
VRM=VRRM
Ta=25
0.5
0.1
IRRM2
Ta=100
10
5.0
2.0
Thermal
Resistance(Typical)
R J-A
/W
Between junction and
ambient
881)
R J-L
Between junction and
terminal
281)
Notes: Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.2" x 0.2" (5.0 mm x 5.0 mm)
copper pad areas
PREFERED P/N
PACKING
CODE
UNIT WEIGHT(g)
MINIMUM
PACKAGE(pcs)
INNER BOX
QUANTITY(pcs)
OUTER CARTON
QUANTITY(pcs) DELIVERY MODE
SS12 THRU SS110
F1
Approximate 0.063
5000
10000
80000
13” reel
Surface Mount Schottky Rectifiers
SS12 Through SS110
ELECTRICAL AND THERMAL CHARACTERISTICS (Ta=25 Unless otherwise specified
PACKAGING INFORMATION
CHARACTERISTICS (TYPICAL)
01-04-2023
Page 2 of 3
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
•
•
•
••
•
•
•
•
•
•
•
•
•
•
•
SS12 SS14
SS15
SS110
LEAD TEMPERATURE (°C)
Resistive or Indctive Load
P.C.B. Mounted on 0.2” x 0.2”
(5.0mm x 5.0mm) Copper Pad
FIG. 1 - MAXIMUM FORWARD CURRENT
DERATING CURVE
1• 0
0.8
0.2
0.4
0
0
25
75
50
100
125
150
FIG. 2 - MAXIMUM NON-REPETITIVE
FORWARD URGE CURRENT
•
•
•
•
•
•
•
•
•
•
8.3ms Single Half Sine Wave
JEDEC Method
50
30
40
20
10
0
1
20
2
10
100
NUMBER OF CYCLES AT 60Hz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com