Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDLL4577 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # CDLL4577
Description  TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

CDLL4577 Datasheet(HTML) 1 Page - Microsemi Corporation

  CDLL4577 Datasheet HTML 1Page - Microsemi Corporation CDLL4577 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
6 LAKE STREET, LAWRENCE, MASSACHUSETTS 01841
PHONE (978) 620-2600
FAX (978) 689-0803
WEBSITE: http://www.microsemi.com
121
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
D
1.60
1.70
0.063 0.067
F
0.41
0.55
0.016 0.022
G
3.30
3.70
.130
.146
G1
2.54 REF.
.100 REF.
S
0.03 MIN.
.001 MIN.
FIGURE 1
DESIGN DATA
CASE: DO-213AA, Hermetically sealed
glass case. (MELF, SOD-80, LL34)
LEAD FINISH: Tin / Lead
POLARITY: Diode to be operated with
the banded (cathode) end positive.
MOUNTING POSITION: Any.
MOUNTING SURFACE SELECTION:
The Axial Coefficient of Expansion
(COE) Of this Device is Approximately
+6PPM/°C. The COE of the Mounting
Surface System Should Be Selected To
Provide A Suitable Match With This
Device.
NOTE 1 The maximum allowable change observed over the entire temperature range
i.e.,the diode voltage will not exceed the speci½ed mV at any discrete
temperature between the established limits, per JEDEC standard No.5.
NOTE 2 Zener impedance is derived by superimposing on l ZT A 60Hz rms a.c. current
equal to 10% of l ZT.
• 1N4565AUR-1 THRU 1N4584AUR-1 AVAILABLE IN
JAN, JANTX, JANTXV AND JANS
PER MIL-PRF-19500/452
• TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
• LEADLESS PACKAGE FOR SURFACE MOUNT
• LOW CURRENT OPERATING RANGE: 0.5 TO 4.0 mA
• METALLURGICALLY BONDED, DOUBLE PLUG CONSTRUCTION
1N4565AUR-1 thru 1N4584AUR-1
and
CDLL4565 thru CDLL4584A
CDI
ZENER
EFFECTIVE
VOLTAGE
TEMPERATURE
MAX.DYNAMIC
TYPE
TEST
TEMPERATURE
TEMPERATURE
RANGE
ZENER
NUMBER
CURRENT
COEFFICIENT
STABILITY
IMPEDANCE
l ZT
³VZT MAX
ZZT
-55° to + 100°
(Note 1)
(Note 2)
mA
%/°C
mV
°C
OHMS
CDLL4565
.5
.01
48
0 to + 75°C
200
CDLL4565A
.5
.01
100
-55 to + 100°C
200
CDLL4566
.5
.005
24
0 to + 75°C
200
CDLL4566A
.5
.005
50
-55 to + 100°C
200
CDLL4567
.5
.002
10
0 to + 75°C
200
CDLL4567A
.5
.002
20
-55 to + 100°C
200
CDLL4568
.5
.001
5
0 to + 75°C
200
CDLL4568A
.5
.001
10
-55 to + 100°C
200
CDLL4569
.5
.0005
2.5
0 to + 75°C
200
CDLL4569A
.5
.0005
5
-55 to + 100°C
200
CDLL4570
1.0
.01
48
0 to + 75°C
100
CDLL4570A
1.0
.01
100
-55 to + 100°C
100
CDLL4571
1.0
.005
24
0 to + 75°C
100
CDLL4571A
1.0
.005
50
-55 to + 100°C
100
CDLL4572
1.0
.002
10
0 to + 75°C
100
CDLL4572A
1.0
.002
20
-55 to + 100°C
100
CDLL4573
1.0
.001
5
0 to + 75°C
100
CDLL4573A
1.0
.001
10
-55 to + 100°C
100
CDLL4574
1.0
.0005
2.5
0 to + 75°C
100
CDLL4574A
1.0
.0005
5
-55 to + 100°C
100
CDLL4575
2.0
.01
48
0 to + 75°C
50
CDLL4575A
2.0
.01
100
-55 to + 100°C
50
CDLL4576
2.0
.005
24
0 to + 75°C
50
CDLL4576A
2.0
.005
50
-55 to + 100°C
50
CDLL4577
2.0
.002
10
0 to + 75°C
50
CDLL4577A
2.0
.002
20
-55 to + 100°C
50
CDLL4578
2.0
.001
5
0 to + 75°C
50
CDLL4578A
2.0
.001
10
-55 to + 100°C
50
CDLL4579
2.0
.0005
2.5
0 to + 75°C
50
CDLL4579A
2.0
.0005
5
-55 to + 100°C
50
CDLL4580
4.0
.01
48
0 to + 75°C
25
CDLL4580A
4.0
.01
100
-55 to + 100°C
25
CDLL4581
4.0
.005
24
0 to + 75°C
25
CDLL4581A
4.0
.005
50
-55 to + 100°C
25
CDLL4582
4.0
.002
10
0 to + 75°C
25
CDLL4582A
4.0
.002
20
-55 to + 100°C
25
CDLL4583
4.0
.001
5
0 to + 75°C
25
CDLL4583A
4.0
.001
10
-55 to + 100°C
25
CDLL4584
4.0
.0005
2.5
0 to + 75°C
25
CDLL4584A
4.0
.0005
5
-55 to + 100°C
25
MAXIMUM RATINGS
Operating Temperature: -65°C to +175°C
Storage Temperature: -65°C to +175°C
DC Power Dissipation: 500mW @ +50°C
Power Derating: 4 mW / °C above +50°C
REVERSE LEAKAGE CURRENT
lR = 2
µA @ 25°C & VR = 3Vdc
ELECTRICAL CHARACTERISTICS @ 25°C, unless otherwise speci½ed.


Similar Part No. - CDLL4577

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CDLL4577 CDI-DIODE-CDLL4577 Datasheet
247Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Microsemi Corporation
CDLL4577 MICROSEMI-CDLL4577 Datasheet
257Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Compensated Deuices Inc...
CDLL4577A CDI-DIODE-CDLL4577A Datasheet
247Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Microsemi Corporation
CDLL4577A MICROSEMI-CDLL4577A Datasheet
257Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
More results

Similar Description - CDLL4577

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N935BUR-1 CDI-DIODE-1N935BUR-1 Datasheet
51Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
CDLL4916 CDI-DIODE-CDLL4916 Datasheet
77Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Microsemi Corporation
JAN1N821-1 MICROSEMI-JAN1N821-1 Datasheet
364Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4565 MICROSEMI-1N4565 Datasheet
257Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N935BUR-1 MICROSEMI-1N935BUR-1 Datasheet
535Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N3154UR-1 MICROSEMI-1N3154UR-1 Datasheet
108Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N941 MICROSEMI-1N941_03 Datasheet
127Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
American Microsemicondu...
1N4575 AMMSEMI-1N4575 Datasheet
311Kb / 1P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4583 AMMSEMI-1N4583 Datasheet
311Kb / 1P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4583A AMMSEMI-1N4583A Datasheet
311Kb / 1P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com