Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6373C700DL Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XC6373C700DL
Description  PWM Controlled Step-Up DC/DC Controllers/Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6373C700DL Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XC6373C700DL Datasheet HTML 4Page - Torex Semiconductor XC6373C700DL Datasheet HTML 5Page - Torex Semiconductor XC6373C700DL Datasheet HTML 6Page - Torex Semiconductor XC6373C700DL Datasheet HTML 7Page - Torex Semiconductor XC6373C700DL Datasheet HTML 8Page - Torex Semiconductor XC6373C700DL Datasheet HTML 9Page - Torex Semiconductor XC6373C700DL Datasheet HTML 10Page - Torex Semiconductor XC6373C700DL Datasheet HTML 11Page - Torex Semiconductor XC6373C700DL Datasheet HTML 12Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
588
XC6371/6372/6373 Series
PARAMETER
SYMBOL
RATINGS
UNITS
VOUT Input Voltage
VOUT
12
V
LX pin Voltage
VLX
12
V
LX pin Current
ILX
400
mA
CE Input Voltage
VCE
12
V
SOT-89, 89-5
500
Power Dissipation
USP-6B
Pd
100
mW
VDD Input Voltage
VDD
12
V
Operating Temperature Range
Topr
-30~+80
℃
Storage Temperature Range
Tstg
-40~+125
℃
Ta=25℃
XC6371/72/73E
Note: The CE pin is only used with the XC6371C.
Note: Built-in transistor type units use the Lx pin.
■
ABSOLUTE MAXIMUM RATINGS
■
BLOCK DIAGRAMS
+
-
VLx l imiter
Buffer
PWM Control
OSC 50/100/180KHz
Chip Enable
CE
VDD
(
p
)
Vref
Soft Start
Phase comp
Lx
VSS
EXT
VOUT
-
+
VLx l imiter
Buffer
PWM Control
OSC 50/100/180KHz
VDD
Vref
Phase comp
Soft Start
Lx
VSS
EXT
VDD
VOUT
XC6371/72/73A, C
(The VOUT pin serves also as VDD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com