Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6373C200PL Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC6373C200PL
Description  PWM Controlled Step-Up DC/DC Controllers/Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6373C200PL Datasheet(HTML) 3 Page - Torex Semiconductor

  XC6373C200PL Datasheet HTML 1Page - Torex Semiconductor XC6373C200PL Datasheet HTML 2Page - Torex Semiconductor XC6373C200PL Datasheet HTML 3Page - Torex Semiconductor XC6373C200PL Datasheet HTML 4Page - Torex Semiconductor XC6373C200PL Datasheet HTML 5Page - Torex Semiconductor XC6373C200PL Datasheet HTML 6Page - Torex Semiconductor XC6373C200PL Datasheet HTML 7Page - Torex Semiconductor XC6373C200PL Datasheet HTML 8Page - Torex Semiconductor XC6373C200PL Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
583
XC6371/6372/6373
Series
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
A
: 3-pin regulator with built-in switching transistor
C
: Stand-by capability with built-in switching transistor
①
Type of Regulator
E
: Separated VDD and VOUT with built-in switching transistor
② ③
Output Voltage
Integer
: e.g. VOUT=3.5V→②=3, ③=5
0
: 50kHz
1
: 100kHz
④
Oscillation Frequency
2
: 180kHz
: SOT-89 (XC6371/72 A type)
P
: SOT-89-5 (XC6371/72 C/D type)
⑤
Package
D
: USP-6B
R
: Embossed tape, standard feed
⑥
Device Orientation
L
: Embossed tape, reverse feed
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
A
: 3-pin regulator with built-in switching transistor
C
: Stand-by capability with built-in switching transistor
①
Type of Regulator
E
: Separated VDD and VOUT with built-in switching transistor
②
③
Output Voltage
Integer
: e.g. VOUT=3.5V→②=3, ③=5
④
Oscillation Frequency
0
: 30kHz
: SOT-89 (XC6373 A type)
P
: SOT-89-5 (XC6373 C/D type)
⑤
Package
D
: USP-6B
R
: Embossed tape, standard feed
⑥
Device Orientation
L
: Embossed tape, reverse feed
■
PRODUCT CLASSIFICATION
●
Selection Guide
●
Ordering Information
XC6371 Series
START
XC6371/73A
PWM
XC6371
Low Frequency PWM
XC6373
Standard
Chip Enable
Separated
VDD/VOUT
XC6371/73C
XC6371/73E
Standard
Chip Enable
Separated
VDD/VOUT
PWM/PFM
XC6372A
XC6372C
XC6372E
XC6371①②③④⑤⑥ : PWM controlled
XC6372①②③④⑤⑥ : PWM/PFM switching control
XC6373①②③④⑤⑥ : PWM controlled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com