Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6373C350PR Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC6373C350PR
Description  PWM Controlled Step-Up DC/DC Controllers/Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6373C350PR Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC6373C350PR Datasheet HTML 2Page - Torex Semiconductor XC6373C350PR Datasheet HTML 3Page - Torex Semiconductor XC6373C350PR Datasheet HTML 4Page - Torex Semiconductor XC6373C350PR Datasheet HTML 5Page - Torex Semiconductor XC6373C350PR Datasheet HTML 6Page - Torex Semiconductor XC6373C350PR Datasheet HTML 7Page - Torex Semiconductor XC6373C350PR Datasheet HTML 8Page - Torex Semiconductor XC6373C350PR Datasheet HTML 9Page - Torex Semiconductor XC6373C350PR Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
586
XC6371/6372/6373 Series
MARK
PRODUCT SERIES
5
XC6371xxxxDx
2
XC6372xxxxDx
MARK
PRODUCT SERIES
A
XC6371A
C
XC6371C
E
XC6371E
MARK
③
④
OUTPUT VOLTAGE (V)
3
3
3.3
5
0
5.0
MARK
OSCILLATION FREQUENCY (kHz)
0
50
1
100
2
180
■
MARKING RULE (Continued)
●
USP-6B
①
Represents product series
②
Represents product classification
③④
Represents output voltage (ex.)
⑤
Represents oscillation frequency
⑥
Represents production lot number
0 to 9, A to Z repeated (G, I, J, O, Q, W excepted)
Note: No character inversion used.
USP-6B
(TOP VIEW)
[XC6371/72] (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com