Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6373C200PR Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6373C200PR
Description  PWM Controlled Step-Up DC/DC Controllers/Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6373C200PR Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6373C200PR Datasheet HTML 1Page - Torex Semiconductor XC6373C200PR Datasheet HTML 2Page - Torex Semiconductor XC6373C200PR Datasheet HTML 3Page - Torex Semiconductor XC6373C200PR Datasheet HTML 4Page - Torex Semiconductor XC6373C200PR Datasheet HTML 5Page - Torex Semiconductor XC6373C200PR Datasheet HTML 6Page - Torex Semiconductor XC6373C200PR Datasheet HTML 7Page - Torex Semiconductor XC6373C200PR Datasheet HTML 8Page - Torex Semiconductor XC6373C200PR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
581
XC6371 6372 6373 ETR0402_001.doc
◆
CMOS Low Power Consumption
◆
Operating Voltage
:0.9V~10.0V
◆
Output Voltage Range
:2.0V~7.0V
◆
Output Voltage Accuracy :±2.5%
◆
Oscillation Frequency
:50kHz, 100kHz,
180kHz(XC6371/72)
30kHz (XC6373)
■
GENERAL DESCRIPTION
The XC6371/6372/6373 series are a group of PWM controlled
and PWM/PFM controlled step-up DC/DC converters. The
built-in 1.4Ω switching transistor type enables a step-up circuit
to be configured using only three components, a coil, a diode,
and a capacitor.
Output voltage can be selectable in the range from 2.0V to 7.0V
in increments of 100mV (accuracy: ± 2.5%). Oscillation
frequency is also selectable from 50kHz, 100kHz, and 180kHz
(accuracy:±15%) for the XC6371 and the XC6372 series.
Soft-start time is internally set and offers protection against
in-rush currents when the power is switched on and prevents
voltage overshoot. 5 pin packages, which are provided with
either a CE (chip enable) function that reduces power
consumption during shut-down mode, or a VDD pin (separated
power and voltage detect pins) are available.
The XC6371 series is the standard PWM controlled products.
The control of the XC6372 series switches from PWM to PFM
control during light loads when automatically switching is
selected and the series is highly efficient from light loads to
large output currents. Since the XC6373 series is a low noise,
it is suitable for a wireless circuit. Also the series is particularly
suited for use with pager applications because oscillation
frequency is set at 30kHz (±20%) so as to attain the lowest
consumption current possible.
■
APPLICATIONS
●
Cellular phones, Pagers
●
Palmtops
●
Cameras, Video recorders
●
Portable products
■
TYPICAL APPLICATION CIRCUIT
■
TYPICAL PERFORMANCE
CHARACTERISTICS
■
FEATURES
Operation Start Voltage Range: 0.9V~10V
Output Voltage Range : 2.0V~7.0V in 100mV increments
Highly Accurate
: Setting voltage accuracy±2.5%
Oscillation Frequency : 50kHz, 100kHz, 180kHz (±15%)
selectable (XC6371/72)
30kHz (XC6373)
Maximum Output Currents (Tr. built-in)
: 100mA(TYP.) @ VIN=3.0V, VOUT=5.0V *
Highly Efficient (Tr. built-in)
: 85%(TYP.) @ VIN=3.0V, VOUT=5.0V *
Built-in switching transistor type.
Five-lead packaged units offer either chip enable or
independent VOUT pin option.
Phase compensation and soft start-up circuits built-in.
Small Packages
:SOT-89, SOT-89-5,USP-6B
*: Performance depends on external components and
PCB layout.
☆
GO-Compatible


Similar Part No. - XC6373C200PR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6373C35OPRL TOREX-XC6373C35OPRL Datasheet
185Kb / 8P
LOW FREQUENCY PWM CONTROLLED STEP UP DC/DC CONVERTER
More results

Similar Description - XC6373C200PR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6371 TOREX-XC6371 Datasheet
235Kb / 14P
PWM Controlled Step-Up DC/DC Controllers/Converters
XC9101 TOREX-XC9101 Datasheet
299Kb / 19P
PWM Controlled Step-Up DC/DC Controllers
XC9201 TOREX-XC9201 Datasheet
341Kb / 20P
PWM Controlled Step-Down DC/DC Converters
XC6375 TOREX-XC6375 Datasheet
34Kb / 4P
PWM Controlled, Step down DC/DC Converters
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6371 TOREX-XC6371_2 Datasheet
742Kb / 19P
PWM Controlled Step-Up DC/DC Controllers/Converters
XC9101 TOREX-XC9101_1 Datasheet
1Mb / 22P
PWM Controlled Step-Up DC/DC Controllers
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
PWM Controlled Step-Down DC/DC Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com