Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA0420-R68M1 Datasheet(PDF) 1 Page - GUANGDONG MISUN TECHNOLOGY CO.,LTD.

Part # MA0420-R68M1
Description  COMPOSITE FORMING SMDINDUCTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FPE [GUANGDONG MISUN TECHNOLOGY CO.,LTD.]
Direct Link  http://www.fpe.com.cn
Logo FPE - GUANGDONG MISUN TECHNOLOGY CO.,LTD.

MA0420-R68M1 Datasheet(HTML) 1 Page - GUANGDONG MISUN TECHNOLOGY CO.,LTD.

  MA0420-R68M1 Datasheet HTML 1Page - GUANGDONG MISUN TECHNOLOGY CO.,LTD. MA0420-R68M1 Datasheet HTML 2Page - GUANGDONG MISUN TECHNOLOGY CO.,LTD. MA0420-R68M1 Datasheet HTML 3Page - GUANGDONG MISUN TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MA0420-1 series
Features:
Applications:
Large Current and Low DCR.
Notebooks/Desktops/Server applications.
Magnetically shielded construction.
DC/DC converters.
High frequency range up to 3.0 MHz.
LED drivers
RoHS compliant* and halogen free.
Noise suppression for motors: windshield wipers
Low noise.
/ powerseats / power mirrors / heating and
Operating temperature range: -40
℃ TO +125℃
ventilation blower /HID lighting
AEC-Q200 qualified.
DC/DC converters for entertainment / navigation
systems
Product identification:
L×W
HT
Dimensions (unit:inch/ mm):
Recommended Layout: [unit: inch/ mm]
Note:
·All test date is referenced to 25℃ ambient.
·DC current(ldc) that will cause an approximate △T of 40℃.
·DC current(last) that will cause Lo to drop approximately 20%.
·Operating temperature range:-40
℃ to +125℃.
• The part temperature (ambient + temp rise) should not exceed125℃ under the worst operating conditions. Circuit
design, component placement, PWB trace size and thickness, airflow and other cooling provisions all affect the part
temperature. Part temperature should be verified in the end application.
MA0420-1R0M1
1
MA
□□ □□
□□□
11.5
4
100KHz 0.25V
8.5
6.8
MA0420-6R8M1
8.5
6.25
5.5
0.22
0.68
7.5
MA0420-4R7M1
4.7
Tolerance
Serial code
16
MA0420-R22M1
Saturation Current
Isat (Amp)
Typical
MA0420-100M1
10
235
260
2
2.2
4.5
MA0420-3R3M1
3.3
75
85
3.5
5.5
MA0420-2R2M1
2.2
45
50
4.5
6
2.8
120
108
35
40
5.5
103
115
3
1.5
P/N
MA0420-R10M1
MA0420-R47M1
MA0420-R68M1
14
15.5
3
MA0420-1R5M1
12
6.5
25
28
6
9
Typical
Max
0.47
0.10
10.5
Product code
Inductance value
4.5
Idc (Amp)
Typical
L0(μH) ±20%
'@0A
D.C.R (mΩ)
COMPOSITE FORMING SMD
INDUCTORS
14
12
22
Electrical Specifications @ 25℃
Heat Rating Current


Similar Part No. - MA0420-R68M1

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA04205 GOLLEDGE-MA04205 Datasheet
153Kb / 3P
SAW Resonator 433.92 MHz
More results

Similar Description - MA0420-R68M1

ManufacturerPart #DatasheetDescription
logo
GUANGDONG MISUN TECHNOL...
MA1030-1 FPE-MA1030-1 Datasheet
260Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
MA1040-1 FPE-MA1040-1 Datasheet
279Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
MC0420 FPE-MC0420 Datasheet
274Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
MC0518 FPE-MC0518 Datasheet
271Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
MC0624 FPE-MC0624 Datasheet
251Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
MC0640 FPE-MC0640 Datasheet
237Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
MC0650 FPE-MC0650 Datasheet
290Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
MC1030 FPE-MC1030 Datasheet
254Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
MC1050 FPE-MC1050 Datasheet
276Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
MA0630-1 FPE-MA0630-1 Datasheet
238Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com