Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC1110-RTR1 Datasheet(PDF) 163 Page - Texas Instruments

Part # CC1110-RTR1
Description  True System-on-Chip with Low Power RF Transceiver and 8051 MCU
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1110-RTR1 Datasheet(HTML) 163 Page - Texas Instruments

Back Button CC1110-RTR1 Datasheet HTML 159Page - Texas Instruments CC1110-RTR1 Datasheet HTML 160Page - Texas Instruments CC1110-RTR1 Datasheet HTML 161Page - Texas Instruments CC1110-RTR1 Datasheet HTML 162Page - Texas Instruments CC1110-RTR1 Datasheet HTML 163Page - Texas Instruments CC1110-RTR1 Datasheet HTML 164Page - Texas Instruments CC1110-RTR1 Datasheet HTML 165Page - Texas Instruments CC1110-RTR1 Datasheet HTML 166Page - Texas Instruments CC1110-RTR1 Datasheet HTML 167Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 203 page
background image
CC1110
CC1110 PRELIMINARY Datasheet (Rev. 1.01) SWRS033A
Page 163 of 202
MDMCFG2.SYNC_MODE=3 or 7. The sync
word will then be repeated twice.
CC1110 supports both fixed packet length
protocols and variable length protocols.
The maximum packet length is 255 bytes.
For longer packets, infinite packet length
mode must be used.
Fixed packet length mode is selected by
setting
PKTCTRL0.LENGTH_CONFIG=0.
The desired packet length is set by the
PKTLEN register. The packet length is
defined as the payload data, excluding the
length byte and the optional automatic
CRC. In variable length mode, the PKTLEN
register is used to set the maximum
packet length allowed in RX. Any packet
received with a length byte with a value
greater than PKTLEN will be discarded.
Note that the minimum packet length
supported (excluding the optional length
byte and CRC) is one byte of payload
data.
With PKTCTRL0.LENGTH_CONFIG=2, the
packet length is set to infinite and
transmission and reception will continue
until turned off manually. The infinite mode
can be turned off while a packet is being
transmitted or received. As described in
the next section, this can be used to
support packet formats with different
length
configuration
than
natively
supported by
CC1110.
15.8.2.1 Arbitrary length field
configuration
The
fixed
length
field
can
be
reprogrammed
during
receive
and
transmit. This opens the possibility to have
a different length field configuration than
supported for variable length packets. At
the start of reception, the packet length is
set to a large value. The CPU reads out
enough bytes to interpret the length field in
the packet. Then the PKTLEN value is set
according to this value. The end of packet
will occur when the byte counter in the
packet handler is equal to the PKTLEN
register. Thus, the CPU must be able to
program the correct length, before the
internal counter reaches the packet length.
By utilizing the infinite packet length
option, arbitrary packet length is available.
At the start of the packet, the infinite mode
must be active. When less than 256 bytes
remains of the packet, the CPU sets the
PKTLEN register to mod(length, 256),
disables
infinite
packet
length
and
activates fixed length packets. When the
internal byte counter reaches the PKTLEN
value, the transmission or reception ends.
Automatic CRC appending/checking can
be used (by setting PKTCTRL0.CRC_EN to
1).
When for example a 454-byte packet is to
be transmitted, the CPU does the
following:
•
Set
PKTCTRL0.LENGTH_CONFIG=2
(10).
•
Pre-program the PKTLEN register to
mod(454,256)=198.
•
Transmit at least 198 bytes, for
example by filling the 64-byte TX FIFO
four times (256 bytes transmitted).
•
Set
PKTCTRL0.LENGTH_CONFIG=0
(00).
The transmission ends when the packet
counter
reaches
198.
A
total
of
256+198=454 bytes are transmitted.
Preamble bits
(1010...1010)
Data field
Optional CRC-16 calculation
Optionally FEC encoded/decoded
8 x n bits
16/32 bits
8
bits
8
bits
8 x n bits
16 bits
Optional data whitening
Legend:
Inserted automatically in TX,
processed and removed in RX.
Optional user-provided fields processed in TX,
processed but not removed in RX.
Unprocessed user data (apart from FEC
and/or whitening)
Figure 36: Packet Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com