Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC1110-RTR1 Datasheet(PDF) 161 Page - Texas Instruments

Part # CC1110-RTR1
Description  True System-on-Chip with Low Power RF Transceiver and 8051 MCU
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1110-RTR1 Datasheet(HTML) 161 Page - Texas Instruments

Back Button CC1110-RTR1 Datasheet HTML 157Page - Texas Instruments CC1110-RTR1 Datasheet HTML 158Page - Texas Instruments CC1110-RTR1 Datasheet HTML 159Page - Texas Instruments CC1110-RTR1 Datasheet HTML 160Page - Texas Instruments CC1110-RTR1 Datasheet HTML 161Page - Texas Instruments CC1110-RTR1 Datasheet HTML 162Page - Texas Instruments CC1110-RTR1 Datasheet HTML 163Page - Texas Instruments CC1110-RTR1 Datasheet HTML 164Page - Texas Instruments CC1110-RTR1 Datasheet HTML 165Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 203 page
background image
CC1110
CC1110 PRELIMINARY Datasheet (Rev. 1.01) SWRS033A
Page 161 of 202
FREQEST.FREQOFF_EST,
can
automatically be used to adjust the
frequency offset programming in the
frequency synthesizer. This will add the
current RX frequency offset estimate to
the value in FSCTRL0.FREQOFF, which
adjust the synthesizer frequency. Thus,
the frequency offset will be compensated
in both RX and TX when the SAFC
command strobe is used.
To avoid compensating for frequency
offsets measured without a valid signal in
the RF channel, FREQEST.FREQOFF_EST
is copied to an internal register when
issuing the SAFC strobe in RX, and when a
synch word is detected. If SAFC was
issued in RX, this internal value is added
to FSCTRL0.FREQOFF after exiting RX.
Issuing SAFC when not in RX will
immediately add the internal register value
to FSCTRL0.FREQOFF. Thus, the SAFC
strobe should be issued when currently
receiving a packet, or outside the RX
state.
Note that frequency offset compensation is
not supported for ASK or OOK modulation.
15.7.2 Bit Synchronization
The bit synchronization algorithm extracts
the clock from the incoming symbols. The
algorithm requires that the expected data
rate is programmed as described in
Section
15.5
on
page
159.
Re-
synchronization is performed continuously
to adjust for error in the incoming symbol
rate.
15.7.3 Byte synchronization
Byte synchronization is achieved by a
continuous sync word search. The sync
word is a 16 or 32 bit configurable field
that is automatically inserted at the start of
the packet by the modulator in transmit
mode. The demodulator uses this field to
find the byte boundaries in the stream of
bits. The sync word will also function as a
system identifier, since only packets with
the correct predefined sync word will be
received.
The
sync
word
detector
correlates against the user-configured 16-
bit sync word. The correlation threshold
can be set to 15/16 bits match or 16/16
bits match. The sync word can be further
qualified using the preamble quality
indicator mechanism described below
and/or a carrier sense condition. The sync
word is programmed with SYNC1 and
SYNC0.
In order to make false detections of sync
words less likely, a mechanism called
preamble quality indication (PQI) can be
used to qualify the sync word. A threshold
value for the preamble quality must be
exceeded in order for a detected sync
word to be accepted. See section 15.10.1
on page 165 for more details.
15.8 Packet Handling Hardware Support
The
CC1110 has built-in hardware support
for packet oriented radio protocols.
In transmit mode, the packet handler will
add the following elements to the packet
stored to be transmitted:
•
A programmable number of preamble
bytes.
Four
preamble
bytes
is
recommended.
•
A two byte Synchronization Word. Can
be duplicated to give a 4-byte sync
word. (Recommended).
•
Optionally whiten the data with a PN9
sequence.
•
Optionally Interleave and Forward
Error Code the data.
•
Optionally compute and add a CRC
checksum over the data field.
In receive mode, the packet handling
support will de-construct the data packet:
•
Preamble detection.
•
Sync word detection.
•
Optional one byte address check.
•
Optionally compute and check CRC.
•
Optionally append two status bytes
(see Table 45 and Table 46) with
RSSI value, Link Quality Indication
and CRC status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com