Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3953 Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # 3953
Description  FULL-BRIDGE PWM MOTOR DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3953 Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button 3953_05 Datasheet HTML 2Page - Allegro MicroSystems 3953_05 Datasheet HTML 3Page - Allegro MicroSystems 3953_05 Datasheet HTML 4Page - Allegro MicroSystems 3953_05 Datasheet HTML 5Page - Allegro MicroSystems 3953_05 Datasheet HTML 6Page - Allegro MicroSystems 3953_05 Datasheet HTML 7Page - Allegro MicroSystems 3953_05 Datasheet HTML 8Page - Allegro MicroSystems 3953_05 Datasheet HTML 9Page - Allegro MicroSystems 3953_05 Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
3953
FULL-BRIDGE
PWM MOTOR DRIVER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
6
FUNCTIONAL DESCRIPTION
Internal PWM Current Control During Forward and
Reverse Operation. The A3953S— contains a fixed off-
time pulse-width modulated (PWM) current-control circuit
that can be used to limit the load current to a desired
value. The peak value of the current limiting (ITRIP) is set
by the selection of an external current sensing resistor
(RS) and reference input voltage (VREF). The internal
circuitry compares the voltage across the external sense
resistor to the voltage on the reference input terminal
(REF) resulting in a transconductance function approxi-
mated by:
where ISO is the offset due to base drive current.
In forward or reverse mode the current-control cir-
cuitry limits the load current as follows: when the load
current reaches ITRIP, the comparator resets a latch that
turns off the selected source driver or selected sink and
source driver pair depending on whether the device is
operating in slow or fast current-decay mode, respec-
tively.
In slow current-decay mode, the selected source
driver is disabled; the load inductance causes the current
to recirculate through the sink driver and ground clamp
diode. In fast current-decay mode, the selected sink and
source driver pair are disabled; the load inductance
causes the current to flow from ground to the load supply
via the ground clamp and flyback diodes.
The user selects an external resistor (RT) and capaci-
tor (CT) to determine the time period (tOFF = RT x CT)
during which the drivers remain disabled (see “RC Fixed
Off-Time” below). At the end of the RC interval, the
drivers are enabled allowing the load current to increase
again. The PWM cycle repeats, maintaining the peak
load current at the desired value (see figure 2).
Figure 2
Fast and Slow Current-Decay Waveforms
INTERNAL PWM CURRENT CONTROL
DURING BRAKE-MODE OPERATION
Brake Operation - MODE Input High. The brake circuit
turns off both source drivers and turns on both sink
drivers. For dc motor applications, this has the effect of
shorting the motor’s back-EMF voltage resulting in current
flow that dynamically brakes the motor. If the back-EMF
voltage is large, and there is no PWM current limiting, the
load current can increase to a value that approaches that
of a locked rotor condition. To limit the current, when the
ITRIP level is reached, the PWM circuit disables the
conducting sink drivers. The energy stored in the motor’s
inductance is discharged into the load supply causing the
motor current to decay.
As in the case of forward/reverse operation, the
drivers are enabled after a time given by tOFF = RT x CT
(see “RC Fixed Off-Time” below). Depending on the
back-EMF voltage (proportional to the motor’s decreasing
speed), the load current again may increase to ITRIP. If so,
the PWM cycle will repeat, limiting the peak load current
to the desired value.
ENABLE
MODE
LOAD
CURRENT
RC
I
TRIP
Dwg. WP-015-1
RC
VREF
RS
ITRIP
≈
– ISO
Dwg. EP-006-13A
R S
BB
V
DRIVE CURRENT
RECIRCULATION (SLOW-DECAY MODE)
RECIRCULATION (FAST-DECAY MODE)
Figure 1 — Load-Current Paths



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com