Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10E175JC Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY10E175JC
Description  9-BIT LATCH WITH PARITY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E175JC Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY10E175JC Datasheet HTML 1Page - Micrel Semiconductor SY10E175JC Datasheet HTML 2Page - Micrel Semiconductor SY10E175JC Datasheet HTML 3Page - Micrel Semiconductor SY10E175JC Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
SY10E175
SY100E175
Micrel, Inc.
M9999-032006
hbwhelp@micrel.com or (408) 955-1690
Note:
1. Within-device skew is defined as identical transitions on similar paths
through a device.
TRUTH TABLE
D
LEN
MR
Q
ODDPAR
H
L
L
H
H if odd no. of Dn HIGH
LLLL
H if odd no. of Dn HIGH
XH
L
Q0
Q0
XX
H
L
L
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Condition
tPD
Propagation Delay to Output
ps
D to Q
450
600
800
450
600
800
450
600
800
D to ODDPAR
850
1150
1450
850
1150
1450
850
1150
1450
LEN to Q
525
700
900
525
700
900
525
700
900
LEN to ODDPAR
525
700
900
525
700
900
525
700
900
MR to Q (tPHL)
525
700
900
525
700
900
525
700
900
MR to ODDPAR (tPHL)
525
700
900
525
700
900
525
700
900
tS
Set-up Time
ps
D (Q)
275
100
275
——
275
——
D (ODDPAR)
900
700
900
——
900
——
tH
Hold Time
ps
D (Q)
175
–100
175
——
175
——
D (ODDPAR)
–300
–700
—–300
——
–300
——
tRR
Reset Recovery Time
850
600
850
600
850
600
ps
tskew
Within-Device Skew
ps
1
LEN, MR
75
——
75
——
75
D to Q
75
——
75
——
75
D to ODDPAR
200
——
200
——
200
tr
Rise/Fall Times
300
500
800
300
500
800
300
500
800
ps
tf
20–80%
AC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Condition
IIH
Input HIGH Current
——
150
——
150
——
150
µA
IEE
Power Supply Current
mA
10E
110
132
110
132
110
132
100E
110
132
110
132
127
152
DC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com