Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T89C51RB2 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # T89C51RB2
Description  8-bit Microcontroller with 16K/ 32K Bytes Flash
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RB2 Datasheet(HTML) 2 Page - ATMEL Corporation

  T89C51RB2 Datasheet HTML 1Page - ATMEL Corporation T89C51RB2 Datasheet HTML 2Page - ATMEL Corporation T89C51RB2 Datasheet HTML 3Page - ATMEL Corporation T89C51RB2 Datasheet HTML 4Page - ATMEL Corporation T89C51RB2 Datasheet HTML 5Page - ATMEL Corporation T89C51RB2 Datasheet HTML 6Page - ATMEL Corporation T89C51RB2 Datasheet HTML 7Page - ATMEL Corporation T89C51RB2 Datasheet HTML 8Page - ATMEL Corporation T89C51RB2 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 117 page
background image
2
T89C51RB2/RC2
4105D–8051–10/06
a more versatile serial channel that facilitates multiprocessor communication (EUART)
and a speed improvement mechanism (X2 mode).
Pinout is the standard 40/44 pins of the C52.
The fully static design reduces system power consumption of the T89C51RB2/RC2 by
allowing it to bring the clock frequency down to any value, even DC, without loss of data.
The T89C51RB2/RC2 has 2 software-selectable modes of reduced activity and 8-bit
clock prescaler for further reduction in power consumption. In Idle mode, the CPU is fro-
zen while the peripherals and the interrupt system are still operating. In power-down
mode, the RAM is saved and all other functions are inoperative.
The added features of the T89C51RB2/RC2 make it more powerful for applications that
need pulse width modulation, high speed I/O and counting capabilities such as alarms,
motor control, corded phones, and smart card readers.
Block Diagram
Figure 1. Block Diagram
Note:
1. Alternate function of Port 1
2. Alternate function of Port 3
Table 1. Memory Size
Part Number
Flash (bytes)
XRAM (bytes)
TOTAL RAM
(bytes)
I/O
T89C51RB2
16K
1024
1280
32
T89C51RC2
32K
1024
1280
32
Timer 0
INT
RAM
256x8
WR
RD
EA
PSEN
ALE/
XTAL2
XTAL1
EUART
CPU
Timer 1
Ctrl
(2)
(2)
C51
CORE
(2) (2)
(2) (2)
Port 0 Port 1 Port 2 Port 3
Parallel I/O Ports & Ext. Bus
XRAM
1Kx8
IB-bus
PCA
PROG
Watch
Dog
(2)
(2)
(1)
(1)
Timer2
(1)
(1)
Flash
32Kx8 or
16Kx8
Key
Board
ROM
2Kx8
Boot
+
BRG
SPI
(1) (1) (1) (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com