Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD620BRZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # AD620BRZ-R7
Description  Low Cost Low Power Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD620BRZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD620BRZ-R7 Datasheet HTML 10Page - Analog Devices AD620BRZ-R7 Datasheet HTML 11Page - Analog Devices AD620BRZ-R7 Datasheet HTML 12Page - Analog Devices AD620BRZ-R7 Datasheet HTML 13Page - Analog Devices AD620BRZ-R7 Datasheet HTML 14Page - Analog Devices AD620BRZ-R7 Datasheet HTML 15Page - Analog Devices AD620BRZ-R7 Datasheet HTML 16Page - Analog Devices AD620BRZ-R7 Datasheet HTML 17Page - Analog Devices AD620BRZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD620
Rev. G | Page 14 of 20
Regardless of the system in which it is being used, the AD620
provides greater accuracy at low power and price. In simple
systems, absolute accuracy and drift errors are by far the most
significant contributors to error. In more complex systems
with an intelligent processor, an autogain/autozero cycle will
remove all absolute accuracy and drift errors, leaving only the
resolution errors of gain, nonlinearity, and noise, thus allowing
full 14-bit accuracy.
Note that for the homebrew circuit, the OP07 specifications for
input voltage offset and noise have been multiplied by √2. This
is because a three op amp type in-amp has two op amps at its
inputs, both contributing to the overall input error.
R = 350
Ω
10V
PRECISION BRIDGE TRANSDUCER
R = 350
Ω
R = 350
Ω
R = 350
Ω
AD620A MONOLITHIC
INSTRUMENTATION
AMPLIFIER, G = 100
SUPPLY CURRENT = 1.3mA MAX
AD620A
RG
499
Ω
REFERENCE
Figure 39. Make vs. Buy
"HOMEBREW" IN-AMP, G = 100
*0.02% RESISTOR MATCH, 3ppm/
°C TRACKING
**DISCRETE 1% RESISTOR, 100ppm/
°C TRACKING
SUPPLY CURRENT = 15mA MAX
100
Ω**
10k
Ω *
10k
Ω**
10k
Ω*
10k
Ω*
10k
Ω**
10k
Ω*
OP07D
OP07D
OP07D
Table 3. Make vs. Buy Error Budget
Error, ppm of Full Scale
Error Source
AD620 Circuit Calculation
“Homebrew” Circuit Calculation
AD620
Homebrew
ABSOLUTE ACCURACY at TA = 25°C
Input Offset Voltage, µV
125 µV/20 mV
(150 µV × √2)/20 mV
6,250
10,607
Output Offset Voltage, µV
1000 µV/100 mV/20 mV
((150 µV × 2)/100)/20 mV
500
150
Input Offset Current, nA
2 nA ×350 Ω/20 mV
(6 nA ×350 Ω)/20 mV
18
53
CMR, dB
110 dB(3.16 ppm) ×5 V/20 mV
(0.02% Match × 5 V)/20 mV/100
791
500
Total Absolute Error
7,559
11,310
DRIFT TO 85°C
Gain Drift, ppm/°C
(50 ppm + 10 ppm) ×60°C
100 ppm/°C Track × 60°C
3,600
6,000
Input Offset Voltage Drift, µV/°C
1 µV/°C × 60°C/20 mV
(2.5 µV/°C × √2 × 60°C)/20 mV
3,000
10,607
Output Offset Voltage Drift, µV/°C
15 µV/°C × 60°C/100 mV/20 mV
(2.5 µV/°C × 2 × 60°C)/100 mV/20 mV
450
150
Total Drift Error
7,050
16,757
RESOLUTION
Gain Nonlinearity, ppm of Full Scale
40 ppm
40 ppm
40
40
Typ 0.1 Hz to 10 Hz Voltage Noise, µV p-p
0.28 µV p-p/20 mV
(0.38 µV p-p × √2)/20 mV
14
27
Total Resolution Error
54
67
Grand Total Error
14,663
28,134
G = 100, VS = ±15 V
.
(All errors are min/max and referred to input.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com