Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8571ARMZ-R2 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8571ARMZ-R2
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8571ARMZ-R2 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8571ARMZ-R2 Datasheet HTML 16Page - Analog Devices AD8571ARMZ-R2 Datasheet HTML 17Page - Analog Devices AD8571ARMZ-R2 Datasheet HTML 18Page - Analog Devices AD8571ARMZ-R2 Datasheet HTML 19Page - Analog Devices AD8571ARMZ-R2 Datasheet HTML 20Page - Analog Devices AD8571ARMZ-R2 Datasheet HTML 21Page - Analog Devices AD8571ARMZ-R2 Datasheet HTML 22Page - Analog Devices AD8571ARMZ-R2 Datasheet HTML 23Page - Analog Devices AD8571ARMZ-R2 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AD8571/AD8572/AD8574
Rev. B | Page 20 of 24
APPLICATIONS
5 V PRECISION STRAIN GAGE CIRCUIT
The extremely low offset voltage of the AD8572 makes it an ideal
amplifier for any application requiring accuracy with high gains,
such as a weigh scale or strain gage. Figure 63 shows a configura-
tion for a single supply, precision strain gage measurement system.
A REF192 provides a 2.5 V precision reference voltage for A2.
The A2 amplifier boosts this voltage to provide a 4.0 V reference
for the top of the strain gage resistor bridge. Q1 provides the
current drive for the 350 Ω bridge network. A1 is used to amplify
the output of the bridge with the full-scale output voltage equal to
(
)
B
R
2
R
1
R +
×
2
(17)
where RB is the resistance of the load cell. Using the values given
in Figure 63, the output voltage linearly varies from 0 V with no
strain to 4 V under full strain.
VOUT
AD8572-A
R3
17.4kΩ
R4
100Ω
R1
17.4kΩ
R2
100Ω
0V TO 4V
NOTE:
USE 0.1% TOLERANCE RESISTORS.
20kΩ
A1
AD8572-B
REF192
12kΩ
1kΩ
5V
2.5V
6
4
3
2
4.0V
40mV
FULL-SCALE
A2
350Ω
LOAD
CELL
Q1
2N2222
OR
EQUIVALENT
Figure 63. 5 V Precision Strain Gage Amplifier
3 V INSTRUMENTATION AMPLIFIER
The high common-mode rejection, high open-loop gain, and
operation down to 3 V of supply voltage make the AD857x an
excellent choice of op amp for discrete single-supply instrumen-
tation amplifiers. The common-mode rejection ratio of the
AD857x is greater than 120 dB, but the CMRR of the system is
also a function of the external resistor tolerances. The gain of
the difference amplifier shown in Figure 64 is given as
⎛ +
+
=
1
R
2
R
2
V
2
R
1
R
4
R
3
R
4
R
1
V
V
OUT
1
(18)
V2
V1
VOUT
R1
R1
R1
R3
R4
R4
R3
R2
R2
R2
AD8571/
AD8572/
AD8574
IF
=
, THEN VOUT =
(V1 – V2)
Figure 64. Using the AD857x as a Difference Amplifier
In an ideal difference amplifier, the ratio of the resistors is set
exactly equal to
3
R
4
R
1
R
2
R
A
V
=
=
(19)
setting the output voltage of the system to
)
(
2
V
1
V
A
V
V
OUT
=
(20)
Due to finite component tolerance, the ratio between the four
resistors is not exactly equal, and any mismatch results in a
reduction of common-mode rejection from the system. Referring
to Figure 64, the exact common-mode rejection ratio can be
expressed as
R2R3
R1R4
R2R3
R2R4
1R4
R
CMRR
2
2
2
+
+
=
(21)
In the three-op amp instrumentation amplifier configuration
shown in Figure 65, the output difference amplifier is set to
unity gain with all four resistors equal in value. If the tolerance
of the resistors used in the circuit is given as δ, the worst-case
CMRR of the instrumentation amplifier is
δ
=
2
1
MIN
CMRR
(22)
VOUT
R
R
R
R
AD8574-C
V2
R
R
V1
RG
AD8574-B
AD8574-A
RTRIM
VOUT = 1 +
2R
RG
(V1 – V2)
Figure 65. Discrete Instrumentation Amplifier Configuration
Thus, using 1% tolerance resistors results in a worst-case system
CMRR of 0.02, or 34 dB. Therefore, either high precision
resistors or an additional trimming resistor, as shown in Figure 65,
should be used to achieve high common-mode rejection. The
value of this trimming resistor should be equal to the value of R
multiplied by its tolerance. For example, using 10 kΩ resistors
with 1% tolerance would require a series trimming resistor
equal to 100 Ω.
HIGH ACCURACY THERMOCOUPLE AMPLIFIER
Figure 66 shows a K-type thermocouple amplifier configuration
with cold junction compensation. Even from a 5 V supply, the
AD8571 can provide enough accuracy to achieve a resolution of
better than 0.02°C from 0°C to 500°C. D1 is used as a tempera-
ture measuring device to correct the cold-junction error from



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com