Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8551ARM-R2 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8551ARM-R2
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8551ARM-R2 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8551ARM-R2 Datasheet HTML 16Page - Analog Devices AD8551ARM-R2 Datasheet HTML 17Page - Analog Devices AD8551ARM-R2 Datasheet HTML 18Page - Analog Devices AD8551ARM-R2 Datasheet HTML 19Page - Analog Devices AD8551ARM-R2 Datasheet HTML 20Page - Analog Devices AD8551ARM-R2 Datasheet HTML 21Page - Analog Devices AD8551ARM-R2 Datasheet HTML 22Page - Analog Devices AD8551ARM-R2 Datasheet HTML 23Page - Analog Devices AD8551ARM-R2 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AD8551/AD8552/AD8554
Rev. C | Page 20 of 24
APPLICATIONS
5 V PRECISION STRAIN GAGE CIRCUIT
The extremely low offset voltage of the AD8552 makes it an
ideal amplifier for any application requiring accuracy with high
gains, such as a weigh scale or strain gage. Figure 65 shows a
configuration for a single-supply, precision, strain gage
measurement system.
A REF192 provides a 2.5 V precision reference voltage for A2.
The A2 amplifier boosts this voltage to provide a 4.0 V refer-
ence for the top of the strain gage resistor bridge. Q1 provides
the current drive for the 350 Ω bridge network. A1 is used to
amplify the output of the bridge with the full-scale output
voltage equal to
()
B
2
1
R
R
R +
×
2
(17)
where RB is the resistance of the load cell.
B
Using the values given in Figure 65, the output voltage linearly
varies from 0 V with no strain to 4.0 V under full strain.
NOTES
1. USE 0.1% TOLERANCE RESISTORS.
AD8552-A
AD8552-B
REF192
5V
2.5V
6
4
3
2
4.0V
A2
A1
VOUT
0V TO 4.0V
40mV
FULL-SCALE
Q1
2N2222
OR
EQUIVALENT
350Ω
LOAD
CELL
1kΩ
12.0kΩ
20kΩ
R1
17.4kΩ
R2
100Ω
R3
17.4kΩ
R4
100Ω
Figure 65. A 5 V Precision Strain Gage Amplifier
3 V INSTRUMENTATION AMPLIFIER
The high common-mode rejection, high open-loop gain, and
operation down to 3 V of supply voltage makes the AD855x an
excellent choice of op amp for discrete single-supply instrumen-
tation amplifiers. The common-mode rejection ratio of the
AD855x is greater than 120 dB, but the CMRR of the system is
also a function of the external resistor tolerances. The gain of
the difference amplifier shown in Figure 66 is given as
⎟⎟
⎜⎜
⎟⎟
⎜⎜
+
⎟⎟
⎜⎜
+
=
1
2
2
1
4
3
4
OUT
R
R
V
R
R
R
R
R
V
V
2
1
1
(18)
V2
V1
R1
R2
VOUT
AD8551/
AD8552/
AD8554
R3
R4
IF
R4
R3
R2
R1
R2
R1
=, THEN VOUT =× (V1 – V2)
Figure 66. Using the AD855x as a Difference Amplifier
In an ideal difference amplifier, the ratio of the resistors are set
exactly equal to
3
4
1
2
V
R
R
R
R
A
=
=
(19)
Which sets the output voltage of the system to
VOUT = AV (V1 − V2)
(20)
Due to finite component tolerance, the ratio between the four
resistors is not exactly equal, and any mismatch results in a
reduction of common-mode rejection from the system.
Referring to Figure 66, the exact common-mode rejection ratio
can be expressed as
3
2
4
1
3
2
4
2
4
1
R
R
R
R
R
R
R
R
R
R
CMRR
2
2
2
+
+
=
(21)
In the three-op amp, instrumentation amplifier configuration
shown in Figure 67, the output difference amplifier is set to
unity gain with all four resistors equal in value. If the tolerance
of the resistors used in the circuit is given as δ, the worst-case
CMRR of the instrumentation amplifier is
δ
CMRR
MIN
2
1
=
(22)
VOUT = 1 +
2R
RG
(V1 – V2)
R
R
R
R
AD8554-C
V2
R
R
V1
AD8554-B
AD8554-A
RTRIM
RG
VOUT
Figure 67. A Discrete Instrumentation Amplifier Configuration
Consequently, using 1% tolerance resistors results in a worst-
case system CMRR of 0.02, or 34 dB. Therefore, either high
precision resistors or an additional trimming resistor, as shown
in Figure 67, should be used to achieve high common-mode
rejection. The value of this trimming resistor should be equal
to the value of R multiplied by its tolerance. For example, using
10 kΩ resistors with 1% tolerance requires a series trimming
resistor equal to 100 Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com