Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGS3 Datasheet(PDF) 22 Page - COSEL CO., LTD.

Part # MGS3
Description  DC-DC Converters PCB Mount Type
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSEL [COSEL CO., LTD.]
Direct Link  https://en.cosel.co.jp/
Logo COSEL - COSEL CO., LTD.

MGS3 Datasheet(HTML) 22 Page - COSEL CO., LTD.

Back Button MGS3 Datasheet HTML 18Page - COSEL CO., LTD. MGS3 Datasheet HTML 19Page - COSEL CO., LTD. MGS3 Datasheet HTML 20Page - COSEL CO., LTD. MGS3 Datasheet HTML 21Page - COSEL CO., LTD. MGS3 Datasheet HTML 22Page - COSEL CO., LTD. MGS3 Datasheet HTML 23Page - COSEL CO., LTD. MGS3 Datasheet HTML 24Page - COSEL CO., LTD. MGS3 Datasheet HTML 25Page - COSEL CO., LTD. MGS3 Datasheet HTML 26Page - COSEL CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
MG-22
MGFS3
DC-DC Converters PCB Mount Type
MGF
S
3
24
05
-O
Ordering information
1Series name
2Single output
3Output wattage
4Input voltage
5Output voltage
6Optional
Y2: Output voltage
adjustable (+10%, -5%)
R
1
2
3
4
5
6
MODEL
MGFS3243R3
MGFS32405
MGFS32412
MGFS32415
MAX OUTPUT WATTAGE[W]
2.64
3.00
3.00
3.00
DC OUTPUT
VOLTAGE[V]
3.3
5
12
15
CURRENT[A]
0.8
0.6
0.25
0.2
SPECIFICATIONS
MODEL
MGFS3243R3
MGFS32405
MGFS32412
MGFS32415
INPUT
VOLTAGE[V]
DC9 - 36 (Surge voltage 50V,100ms max) (Refer to “Derating” for input voltage derating.)
CURRENT[A]
*1
0.15typ
0.16typ
0.15typ
0.15typ
EFFICIENCY[%]
*1
78typ
81typ
85typ
84typ
OUTPUT
VOLTAGE[V]
3.3
5
12
15
CURRENT[A]
0.8
0.6
0.25
0.2
LINE REGULATION[mV]
20max
20max
48max
60max
LOAD REGULATION[mV]
20max
20max
48max
60max
RIPPLE[mVp-p]
*2
120max
120max
150max
150max
RIPPLE NOISE[mVp-p]
*2
200max
200max
200max
200max
TEMPERATURE
REGULATION[mV]
-20 to +75C 50max
50max
150max
180max
-40 to +75C 80max
80max
240max
290max
DRIFT[mV]
*3
20max
20max
48max
60max
START-UP TIME[ms]
30max (Minimum input, Io=100%)
OUTPUT VOLTAGE SETTING[V] 3.21 - 3.42
4.90 - 5.21
11.64 - 12.36
14.55 - 15.45
PROTECTION
CIRCUIT
OVERCURRENT PROTECTION Works over 105% of rating and recovers automatically
MODEL
MGFS3483R3
MGFS34805
MGFS34812
MGFS34815
MAX OUTPUT WATTAGE[W]
2.64
3.00
3.00
3.00
DC OUTPUT
VOLTAGE[V]
3.3
5
12
15
CURRENT[A]
0.8
0.6
0.25
0.2
SPECIFICATIONS
MODEL
MGFS3483R3
MGFS34805
MGFS34812
MGFS34815
INPUT
VOLTAGE[V]
DC18 - 76 (Surge voltage 100V,100ms max) (Refer to “Derating” for input voltage derating.)
CURRENT[A]
*1
0.072typ
0.079typ
0.076typ
0.076typ
EFFICIENCY[%]
*1
77typ
80typ
83typ
83typ
OUTPUT
VOLTAGE[V]
3.3
5
12
15
CURRENT[A]
0.8
0.6
0.25
0.2
LINE REGULATION[mV]
20max
20max
48max
60max
LOAD REGULATION[mV]
20max
20max
48max
60max
RIPPLE[mVp-p]
*2
120max
120max
150max
150max
RIPPLE NOISE[mVp-p]
*2
200max
200max
200max
200max
TEMPERATURE
REGULATION[mV]
-20 to +75C 50max
50max
150max
180max
-40 to +75C 80max
80max
240max
290max
DRIFT[mV]
*3
20max
20max
48max
60max
START-UP TIME[ms]
30max (Minimum input, Io=100%)
OUTPUT VOLTAGE SETTING[V] 3.21 - 3.42
4.90 - 5.21
11.64 - 12.36
14.55 - 15.45
PROTECTION
CIRCUIT
OVERCURRENT PROTECTION Works over 105% of rating and recovers automatically
December 27, 2022
www.cosel.co.jp/en/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com