Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMS-EN2SE-R Datasheet(PDF) 1 Page - HMS Networks.

Part # HMS-EN2SE-R
Description  EtherNet/IP™ to Serial Linking Device
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMS [HMS Networks.]
Direct Link  https://www.hms-networks.com/
Logo HMS - HMS Networks.

HMS-EN2SE-R Datasheet(HTML) 1 Page - HMS Networks.

  HMS-EN2SE-R Datasheet HTML 1Page - HMS Networks. HMS-EN2SE-R Datasheet HTML 2Page - HMS Networks.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The EtherNet/IP to Serial Linking Device allows you
to connect any serial device to your ControlLogix™
and CompactLogix™ PLC from Rockwell
Automation. The stand-alone Linking Device is less
expensive than an in-chassis-based solution, and
has even better integration to Studio 5000® from
Rockwell Automation.
EtherNet/IP™ to Serial Linking Device
In short:
EtherNet/IP Adapter Class
product which is tightly
integrated to Rockwell
Studio5000 allowing you
to connect serial devices to
Rockwell PLCs.
Connect devices that use:
RS232/422/485 interfaces
Modbus RTU
Rockwell DF1
Catalog number:
HMS-EN2SE-R
The EtherNet/IP to Serial Linking Device will:
•
Minimize costs when connecting serial devices to your PLC. More cost-
efficient than an in-chassi solution.
•
Allow you to easily retrofit existing serial devices.
•
Speed up configuration — Automated process inside Rockwell
Studio5000.
Technical highlights
•
Custom Add-On Profile: simplifies configuration and reduces
commissioning time, dynamically generates data structures. No need for
any ladder logic or Add On Instructions.
•
No hardware of software changes for the connected device.
•
Does not affect backplane performance (PLC execution time), even when
large amount of data is transferred to the Logix PLC.
•
EtherNet/IP Adapter Class product supporting announced-based DLR.
•
Supports serial RS232/422/485, Modbus RTU and DF1.
•
Automatically generates named and structured Studio 5000 controller
tags based on the configuration — no need for add-on instructions or
creating alias tags.
•
Connects up to 31 serial nodes.
•
ODVA, CE, UL, ATEX and Haz.Loc. certifications pending.
HMS provides a
full 3 year product
guarantee
The EtherNet/IP to Serial Linking Device from HMS integrates industrial devices communicating via RS232/422/485,
Modbus RTU and DF1 with a Rockwell PLC. You do all configuration in your familar Rockwell Studio 5000 environment.
All network and device
configuration is done
within Studio 5000.
See how it works at
www.encompass.hms-
networks.com
Integrated into
Studio5000


Similar Part No. - HMS-EN2SE-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
HMS-E-R MSYSTEM-HMS-E-R Datasheet
100Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HMS-E-R/K MSYSTEM-HMS-E-R/K Datasheet
100Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HMS-E-R/Q MSYSTEM-HMS-E-R/Q Datasheet
100Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
More results

Similar Description - HMS-EN2SE-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NEPORT ETC2-NEPORT Datasheet
4Mb / 18P
Serial to ethernet,ethernet to serial module,Serial to IP,RS232 interface
NEPORT ETC2-NEPORT_1 Datasheet
1Mb / 77P
Serial to ethernet,ethernet to serial module,Serial to IP,RS232 interface/USER MANUAL
logo
ORing Industrial Networ...
IDS-312L ORING-IDS-312L Datasheet
277Kb / 4P
Industrial secure serial port to Ethernet device server
logo
NHP Electrical Engineer...
1788-CN2DN NHP-1788-CN2DN Datasheet
650Kb / 1P
AB NET LINKING DEVICE CNET TO DNET REDUNDANT
8 June 2023,
1788-EN2DNR NHP-1788-EN2DNR Datasheet
497Kb / 1P
AB NET LINKING DEVICE ENET TO DNET DLR
8 June 2023,
PLX31-EIP-MBS NHP-PLX31-EIP-MBS Datasheet
590Kb / 1P
PROSOFT GATEWAY ETHERNET/IP TO SERIAL MODBUS
12 May 2023,
PLX31-EIP-MBS4 NHP-PLX31-EIP-MBS4 Datasheet
590Kb / 1P
PROSOFT GATEWAY ETHERNET/IP TO 4 PORT SERIAL MODBUS
12 May 2023,
logo
Black Box Registered Tr...
ES-020 BLACKBOX-ES-020 Datasheet
1Mb / 4P
ES-020 ETHERNET TO SERIAL DEVICE SERVER
ES-246 BLACKBOX-ES-246 Datasheet
956Kb / 4P
ES-246 ETHERNET TO SERIAL DEVICE SERVER Ethernet 1 Port RS232
ES-842 BLACKBOX-ES-842 Datasheet
713Kb / 4P
ETHERNET TO SERIAL DEVICE SERVER Ethernet 8 Port RS422/485
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com