Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIM800C Datasheet(PDF) 40 Page - SIMCom

Part # SIM800C
Description  Hardware_Design_V1.02
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800C Datasheet(HTML) 40 Page - SIMCom

Back Button SIM800C Datasheet HTML 36Page - SIMCom SIM800C Datasheet HTML 37Page - SIMCom SIM800C Datasheet HTML 38Page - SIMCom SIM800C Datasheet HTML 39Page - SIMCom SIM800C Datasheet HTML 40Page - SIMCom SIM800C Datasheet HTML 41Page - SIMCom SIM800C Datasheet HTML 42Page - SIMCom SIM800C Datasheet HTML 43Page - SIMCom SIM800C Datasheet HTML 44Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
Smart Machine Smart Decision
SIM800C_Hardware_Design_V1.02
40
2015-4-27
5.2.1
Antenna Interface
The length of trace between pin output and connector should be as short as possible;
Do not trace RF signal over across the board;
The RF signal should be far away from SIM card, power ICs.
5.2.2
Power Supply
Not only VBAT but also return GND are very important in layout;
The positive line of VBAT should be as short and wide as possible;
The correct flow from source to VBAT pin should go though Zener diode then huge capacitor;
Pin 36 and Pin37 are GND signals, and shortest layout to GND of power source should be designed;
There are 10 GND pads in the module; these pads could enhance the GND performances. On the
upper layer of these pads, do not trace any signal if possible.
5.2.3
SIM Card Interface
SIM card holder has no anti-EMI component inside. Thus SIM card interface maybe interfered,
please pay more attention on this interface during layout;
Ensure SIM card holder is far way from antenna or RF cable inside;
Put SIM card holder near the module, as nearer as possible;
Add ESD component to protect SIM_CLK, SIM_DATA, SIM_RST and SIM_VDD signals which
should be far away from power and high-speed-frequency signal.
5.2.4
Audio Interface
The signal trace of audio should far away from antenna and power;
The audio signal should avoid to parallel with VBAT trace.
5.2.5
Others
It is better to trace signal lines of UART bunched, as well as signals of USB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com