Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U9751BL-S16-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # U9751BL-S16-R
Description  DOUBLE CHANNELS PWM CONTROLLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U9751BL-S16-R Datasheet(HTML) 2 Page - Unisonic Technologies

  U9751BL-S16-R Datasheet HTML 1Page - Unisonic Technologies U9751BL-S16-R Datasheet HTML 2Page - Unisonic Technologies U9751BL-S16-R Datasheet HTML 3Page - Unisonic Technologies U9751BL-S16-R Datasheet HTML 4Page - Unisonic Technologies U9751BL-S16-R Datasheet HTML 5Page - Unisonic Technologies U9751BL-S16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
U9751B
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R103-034,A
PIN CONFIGURATION
16
15
14
13
12
11
10
9
CT
FB1
EA1-
EA1+
DTC1
OUT1
GND
SCP
FB2
EA2-
DTC2
OUT2
1
2
3
4
5
6
7
8
RT
VCC
VREF
EA2+
PIN DESCRIPTION
NO.
NAME
DESCRIPTION
1
CT
Capacitor connected to the pin controlling Oscillator frequency
2
RT
Resistor connected to the pin controlling Oscillator frequency
3
EA1+
Error Amplifier 1 positive Input
4
EA1-
Error Amplifier 1 Inverting Input
5
FB1
Error Amplifier 1 Output, used for feedback output 1
6
DTC1
Dead-Time Comparator Output 1
7
OUT1
Output 1
8
GND
Ground
9
VCC
Power Supply
10
OUT2
Output 2
11
DTC2
Dead-Time Comparator Output 2
12
FB2
Error Amplifier 2 Output, used for feedback output 2
13
EA2-
Error Amplifier 2 Inverting Input
14
EA2+
Error Amplifier 2 positive Input
15
SCP
Short Circuit Protection Input
16
VREF
Internal 2.5V Reference Voltage



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com