| Electronic Components Datasheet Search |
|
LM239DT Datasheet(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LM239DT Datasheet(HTML) 4 Page - STMicroelectronics |
|
4 / 19 page ![]() Absolute maximum ratings and operating conditions LM139, LM239, LM339 4/19 DocID2159 Rev 4 2 Absolute maximum ratings and operating conditions Table 1. Absolute maximum ratings Symbol Parameter Value Unit VCC Supply voltage ±18 or 36 V VID Differential input voltage ±36 V VIN Input voltage -0.3 to +36 V Output short-circuit to ground(1) 1. Short-circuits from the output to VCC+ can cause excessive heating and eventual destruction. The maximum output current is approximately 20 mA independent of the magnitude of VCC+. Infinite Rthja Thermal resistance junction to ambient(2) SO14 TSSOP14 QFN16 3x3 2. Short-circuits can cause excessive heating. These values are typical. 105 100 45 °C/W Rthjc Thermal resistance junction to case(2) SO14 TSSOP14 QFN16 3x3 31 32 14 °C/W Tstg Storage temperature range -65 to +150 °C Tj Junction temperature +150 °C TLEAD Lead temperature (soldering 10 seconds) 260 °C ESD Human body model (HBM)(3) 3. Human body model: a 100 pF capacitor is charged to the specified voltage, then discharged through a 1.5 k Ω resistor between two pins of the device. This is done for all couples of connected pin combinations while the other pins are floating. 500 V Machine model (MM)(4) 4. Machine model: a 200 pF capacitor is charged to the specified voltage, then discharged directly between two pins of the device with no external series resistor (internal resistor < 5 Ω). This is done for all couples of connected pin combinations while the other pins are floating. 100 Charged device model (CDM)(5) 5. Charged device model: all pins and the package are charged together to the specified voltage and then discharged directly to the ground through only one pin. This is done for all pins. 1500 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |