| Electronic Components Datasheet Search |
|
M95640-RMB3G/P Datasheet(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95640-RMB3G/P Datasheet(HTML) 30 Page - STMicroelectronics |
|
30 / 44 page ![]() DC and AC parameters M95320, M95640, M95320-x, M95640-x 30/44 Table 18. AC characteristics (M95320 and M95640, device grade 6) Test conditions specified in Table 11 and Table 8 Symbol Alt. Parameter Min. Max. Unit fC fSCK Clock Frequency D.C. 10 MHz tSLCH tCSS1 S Active Setup Time 15 ns tSHCH tCSS2 S Not Active Setup Time 15 ns tSHSL tCS S Deselect Time 40 ns tCHSH tCSH S Active Hold Time 25 ns tCHSL S Not Active Hold Time 15 ns tCH (1) 1. tCH + tCL must never be lower than the shortest possible clock period, 1/fC(max). tCLH Clock High Time 40 ns tCL (1) tCLL Clock Low Time 40 ns tCLCH (2) 2. Value guaranteed by characterization, not 100% tested in production. tRC Clock Rise Time 1 µs tCHCL (2) tFC Clock Fall Time 1 µs tDVCH tDSU Data In Setup Time 15 ns tCHDX tDH Data In Hold Time 15 ns tHHCH Clock Low Hold Time after HOLD not Active 15 ns tHLCH Clock Low Hold Time after HOLD Active 20 ns tCLHL Clock Low Set-up Time before HOLD Active 0 ns tCLHH Clock Low Set-up Time before HOLD not Active 0 ns tSHQZ (2) tDIS Output Disable Time 25 ns tCLQV tV Clock Low to Output Valid 25 ns tCLQX tHO Output Hold Time 0 ns tQLQH (2) tRO Output Rise Time 20 ns tQHQL (2) tFO Output Fall Time 20 ns tHHQV tLZ HOLD High to Output Valid 25 ns tHLQZ (2) tHZ HOLD Low to Output High-Z 25 ns tW tWC Write Time 5 ms |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |