| Electronic Components Datasheet Search |
|
M95320-RMB6TG Datasheet(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95320-RMB6TG Datasheet(HTML) 39 Page - STMicroelectronics |
|
39 / 44 page ![]() M95320, M95640, M95320-x, M95640-x Package mechanical 39/44 Figure 19. TSSOP8 – 8 lead Thin Shrink Small Outline, package outline 1. Drawing is not to scale. Table 25. TSSOP8 – 8 lead Thin Shrink Small Outline, package mechanical data Symbol millimeters inches Typ. Min. Max. Typ. Min. Max. A 1.200 0.0472 A1 0.050 0.150 0.0020 0.0059 A2 1.000 0.800 1.050 0.0394 0.0315 0.0413 b 0.190 0.300 0.0075 0.0118 c 0.090 0.200 0.0035 0.0079 CP 0.100 0.0039 D 3.000 2.900 3.100 0.1181 0.1142 0.1220 e 0.650 – – 0.0256 – – E 6.400 6.200 6.600 0.2520 0.2441 0.2598 E1 4.400 4.300 4.500 0.1732 0.1693 0.1772 L 0.600 0.450 0.750 0.0236 0.0177 0.0295 L1 1.000 0.0394 α 0° 8° 0° 8° TSSOP8AM 1 8 CP c L E E1 D A2 A α e b 4 5 A1 L1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |