Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM193D Datasheet(PDF) 9 Page - STMicroelectronics

Part # LM193D
Description  Low Power Dual Voltage Comparators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM193D Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LM193D Datasheet HTML 5Page - STMicroelectronics LM193D Datasheet HTML 6Page - STMicroelectronics LM193D Datasheet HTML 7Page - STMicroelectronics LM193D Datasheet HTML 8Page - STMicroelectronics LM193D Datasheet HTML 9Page - STMicroelectronics LM193D Datasheet HTML 10Page - STMicroelectronics LM193D Datasheet HTML 11Page - STMicroelectronics LM193D Datasheet HTML 12Page - STMicroelectronics LM193D Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
LM193, LM193A, LM293, LM293A, LM393, LM393A
Electrical Characteristics
9/15
Figure 18. Two-decade high-frequency VCO
VCC
Output 1
Output 2
VCC
100k
W
3k
W
5.1k
W
VCC /2
VCC /2
0.01
m F
500pF
100k
W
0.1
mF
20k
W
50k
W
Frequency control
voltage input
vcontrol
VCC =+30V
+250mV
Vcontrol +50V
700 Hz
f
100kHz
o
20k
W
3k
W
1/2
LM193
1/2
LM193
1/2
LM193



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com