Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STR73XF Datasheet(PDF) 42 Page - STMicroelectronics

Part # STR73XF
Description  ARM7TDMI 32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR73XF Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STR73XF Datasheet HTML 38Page - STMicroelectronics STR73XF Datasheet HTML 39Page - STMicroelectronics STR73XF Datasheet HTML 40Page - STMicroelectronics STR73XF Datasheet HTML 41Page - STMicroelectronics STR73XF Datasheet HTML 42Page - STMicroelectronics STR73XF Datasheet HTML 43Page - STMicroelectronics STR73XF Datasheet HTML 44Page - STMicroelectronics STR73XF Datasheet HTML 45Page - STMicroelectronics STR73XF Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 53 page
background image
Electrical parameters
STR73xF
42/53
NRSTIN Pin
NRSTIN Pin Input Driver is CMOS. A permanent pull-up is present which is the same as
RPU (see : General Characteristics on page 39)
Subject to general operating conditions for VDD and TA unless otherwise specified.
Notes:
1.
Data based on characterization results, not tested in production.
2.
Hysteresis voltage between Schmitt trigger switching levels.
3.
Data guaranteed by design, not tested in production.
Figure 19. Recommended NRSTIN pin
protection1)
Notes:
1.
The RPU pull-up equivalent resistor is based on a resistive transistor.
2.
The reset network protects the device against parasitic resets.
3.
The user must ensure that the level on the NRSTIN pin can go below the VIL(NRSTIN) max. level specified in
Table 23. Otherwise the reset will not be taken into account internally.
Table 23.
Reset pin characteristics
Symbol
Parameter
Conditions
Min
Typ 1)
Max
Unit
VIL(NRSTIN)
RSTIN Input low level voltage 1)
0.3 VDD
V
VIH(NRSTIN) RSTIN Input high level voltage 1)
0.7 VDD
Vhys(NRSTIN)
RSTIN Schmitt trigger voltage
hysteresis 2)
800
mV
VF(RSTINn)
RSTIN Input filtered pulse3)
500
ns
VNF(RSTINn) RSTIN Input not filtered pulse3)
2µs
VRP(RSTINn) RSTIN removal after Power-up3)
100
µs
0.01
µF
EXTERNAL
RESET
CIRCUIT
Required
STR7X
Filter
RPU
VDD
INTERNAL RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com