Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D35NF3LL Datasheet(PDF) 1 Page - STMicroelectronics

Part # D35NF3LL
Description  N-channel 30V - 0.014ohm - 35A - DPAK STripFET TM II Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D35NF3LL Datasheet(HTML) 1 Page - STMicroelectronics

  D35NF3LL Datasheet HTML 1Page - STMicroelectronics D35NF3LL Datasheet HTML 2Page - STMicroelectronics D35NF3LL Datasheet HTML 3Page - STMicroelectronics D35NF3LL Datasheet HTML 4Page - STMicroelectronics D35NF3LL Datasheet HTML 5Page - STMicroelectronics D35NF3LL Datasheet HTML 6Page - STMicroelectronics D35NF3LL Datasheet HTML 7Page - STMicroelectronics D35NF3LL Datasheet HTML 8Page - STMicroelectronics D35NF3LL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
February 2007
Rev 5
1/13
13
STD35NF3LL
N-channel 30V - 0.014
Ω - 35A - DPAK
STripFET™ II Power MOSFET
General features
■ Optimal RDS(on) x Qg trade-off @ 4.5V
■ Conduction losses reduced
■ Switching losses reduced
■ Low threshold drive
Description
This application specific Power MOSFET is the
third generation of STMicroelectronics unique
"single feature size™" strip-based process. The
resulting transistor shows the best trade-off
between on-resistance and gate charge. When
used as high and low side in buck regulators, it
gives the best performance in terms of both
conduction and switching losses. This is
extremely important for motherboards where fast
switching and high efficiency are of paramount
importance. remarkable manufacturing
reproducibility.
Applications
■ Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STD35NF3LL
30V
<0.0195
Ω
35A
DPAK
1
3
www.st.com
Order codes
Part number
Marking
Package
Packaging
STD35NF3LLT4
D35NF3LL
DPAK
Tape & reel


Similar Part No. - D35NF3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
D35NF06L STMICROELECTRONICS-D35NF06L Datasheet
650Kb / 14P
N-channel 60 V, 0.014 Ω, 35 A STripFET™ II Power MOSFET in a DPAK package
19-Apr-2012
More results

Similar Description - D35NF3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD35NF06L STMICROELECTRONICS-STD35NF06L Datasheet
431Kb / 9P
N-CHANNEL 60V - 0.014ohm - 35A DPAK STripFET?줚I MOSFET
Nov-2003
STD35NF3LL STMICROELECTRONICS-STD35NF3LL Datasheet
468Kb / 10P
N-CHANNEL 30V - 0.014 ohm - 35A IPAK/DPAK STripFET™ II POWER MOSFET
Feb-2002
STD60NF06 STMICROELECTRONICS-STD60NF06 Datasheet
461Kb / 9P
N-CHANNEL 60V - 0.014ohm - 60A DPAK STripFET™ II POWER MOSFET
Oct-2002
STU100N3LF3 STMICROELECTRONICS-STU100N3LF3 Datasheet
434Kb / 15P
N-channel 30V - 0.0045OHM - 80A - DPAK - IPAK Planar STripFET TM II Power MOSFET
07-Feb-2006
STD17NF03L STMICROELECTRONICS-STD17NF03L_07 Datasheet
312Kb / 14P
N-channel 30V - 0.038ohm - 17A - DPAK/IPAK STripFET TM II Power MOSFET
19-Feb-2007
STD30NF03L STMICROELECTRONICS-STD30NF03L_07 Datasheet
330Kb / 14P
N-channel 30V - 0.020ohm - 30A - DPAK/IPAK STripFET TM II Power MOSFET
20-Feb-2007
STD30NF03LT STMICROELECTRONICS-STD30NF03LT Datasheet
312Kb / 13P
N-channel 30V - 0.017ohm - 30A - DPAK STripFET TM II Power MOSFET
20-Feb-2007
STD40NF3LL STMICROELECTRONICS-STD40NF3LL_07 Datasheet
394Kb / 13P
N-channel 30V - 0.009ohm - 40A - DPAK Low gate charge STripFET TM II Power MOSFET
20-Feb-2007
STD35NF06 STMICROELECTRONICS-STD35NF06 Datasheet
319Kb / 13P
N-channel 60V - 0.018Ω - 35A - DPAK STripFET??II Power MOSFET
20-Feb-2007
CD00003115 STMICROELECTRONICS-CD00003115 Datasheet
413Kb / 13P
N-channel 60V - 0.014ohm - 60A - DPAK STripFET II Power MOSFET
13-Jul-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com