Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9983A/PCB Datasheet(PDF) 25 Page - Analog Devices

Part # AD9983A/PCB
Description  High Performance 8-Bit Display Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9983A/PCB Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9983A/PCB Datasheet HTML 21Page - Analog Devices AD9983A/PCB Datasheet HTML 22Page - Analog Devices AD9983A/PCB Datasheet HTML 23Page - Analog Devices AD9983A/PCB Datasheet HTML 24Page - Analog Devices AD9983A/PCB Datasheet HTML 25Page - Analog Devices AD9983A/PCB Datasheet HTML 26Page - Analog Devices AD9983A/PCB Datasheet HTML 27Page - Analog Devices AD9983A/PCB Datasheet HTML 28Page - Analog Devices AD9983A/PCB Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
Preliminary Technical Data
AD9983A
Rev. PrA | Page 25 of 44
Hex
Address
Read/Write,
Read Only
Bits
Default
Value
Register Name
Description
0x12
R/W
7
0*** ****
Hsync Control
Active Hsync Override.
0 = The chip determines the active Hsync source
1 = The active Hsync source is set by Reg. 0x12, Bit 6
6
*0** ****
Selects the source of the Hsync for PLL and sync processing. This bit is
used only if Reg. 0x12, Bit 7 is set to 1 or if both syncs are active.
0 = Hsync is from HSYNCx input pin
1 = Hsync is from SOGINx
5
**0* ****
Hsync Input Polarity Override.
0 = The chip selects the Hsync input polarity
1 = The polarity of the input Hsync is controlled by Reg. 0x12, Bit 4
This applies to both HSYNC0 and HSYNC1.
4
***1 ****
Hsync Input Polarity. This bit is used only if Reg. 0x12, Bit 5 is set to 1.
0 = Active low input Hsync
1 = Active high input Hsync
3
**** 1***
Sets the polarity of the Hsync output signal.
0 = Active low Hsync output
1 = Active high Hsync output
0x13
R/W
7:0
0010 0000
Hsync Duration
Sets the number of pixel clocks that HSOUT is active.
0x14
R/W
7
0*** ****
Vsync Control
Active Vsync Override.
0 = The chip determines the active Vsync source
1 = The active Vsync source is set by Reg. 0x14, Bit 6
6
*0** ****
Selects the source of Vsync for the sync processing. This bit is used
only if Reg. 0x14, Bit 7 is set to 1.
0 = Vsync is from the Vsync input pin
1 = Vsync is from the sync separator
5
**0* ****
Vsync Input Polarity Override. This applies to both VSYNC0 and
VSYNC1.
0 = The chip selects the input Vsync polarity
1 = The polarity of the input Vsync is set by Reg. 0x14, Bit 4
4
***1 ****
Vsync Input Polarity. This bit is used only if Reg. 0x14, Bit 5 is set to 1.
0 = Active low input Vsync
1 = Active high input Vsync
3
**** 1***
Sets the polarity of the output Vsync signal.
0 = Active low output Vsync
1 = Active high output Vsync
2
**** *0**
Vsync Filter Enable. This needs to be enabled when using the
Hsync to Vsync counter.
0 = The Vsync filter is disabled
1 = The Vsync filter is enabled
1
**** **0*
Enables the Vsync duration block. This is designed to be used with
the Vsync filter.
0 = Vsync output duration is unchanged
1 = Vsync output duration is set by Reg. 0x15
0x15
R/W
7:0
0000 1010
Vsync Duration
Sets the number of Hsyncs that Vsync out is active. This is only
used if Reg. 0x14, Bit 1 is set to 1.
0x16
R/W
7:0
0000 0000
Precoast
The number of Hsync periods to coast prior to Vsync.
0x17
R/W
7:0
0000 0000
Postcoast
The number of Hsync periods to coast after Vsync.
0x18
R/W
7
0*** ****
Coast and Clamp
Control
Coast Source. Selects the source of the coast signal.
0 = Using internal coast generated from Vsync
1 = Using external coast signal from external COAST pin
6
*0** ****
Coast Polarity Override.
0 = The chip selects the external coast polarity
1 = The polarity of the external coast signal is set by Reg. 0x18, Bit 5
5
**1* ****
Coast Input Polarity. This bit is used only if Reg. 0x18, Bit 6 is set to 1.
0 = Active low external coast
1 = Active high external coast



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com