Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M95040-RMB6G/S Datasheet(PDF) 10 Page - STMicroelectronics

Part # M95040-RMB6G/S
Description  4 Kbit, 2 Kbit and 1 Kbit Serial SPI bus EEPROM with high speed Clock
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95040-RMB6G/S Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M95040-RMB6G/S Datasheet HTML 6Page - STMicroelectronics M95040-RMB6G/S Datasheet HTML 7Page - STMicroelectronics M95040-RMB6G/S Datasheet HTML 8Page - STMicroelectronics M95040-RMB6G/S Datasheet HTML 9Page - STMicroelectronics M95040-RMB6G/S Datasheet HTML 10Page - STMicroelectronics M95040-RMB6G/S Datasheet HTML 11Page - STMicroelectronics M95040-RMB6G/S Datasheet HTML 12Page - STMicroelectronics M95040-RMB6G/S Datasheet HTML 13Page - STMicroelectronics M95040-RMB6G/S Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
Signal description
M95040, M95020, M95010
10/42
When VCC has passed the POR threshold voltage, the device is reset and in the following
state:
●
in Standby Power mode
●
deselected (at next Power-up, a falling edge is required on Chip Select (S) before any
instruction can be executed)
●
not in the Hold Condition Status register state:
–
the Write Enable Latch (WEL) is reset to 0
–
the Write In Progress (WIP) is reset to 0. The SRWD, BP1 and BP0 bits of the
Status Register are at the same logic level as when the device was last powered
down (they are non-volatile bits)
2.8.4
Power-down
At Power-down (continuous decrease of VCC), as soon as VCC drops from the normal
operating voltage to below the Power On Reset threshold voltage, the device stops
responding to any instruction sent to it.
At Power-down, the device must be deselected and in Standby Power mode (that is there
should be no internal Write cycle in progress). Chip Select (S) should be allowed to follow
the voltage applied on VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com