Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L7908C Datasheet(PDF) 7 Page - STMicroelectronics

Part # L7908C
Description  Negative voltage regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7908C Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L7908C Datasheet HTML 3Page - STMicroelectronics L7908C Datasheet HTML 4Page - STMicroelectronics L7908C Datasheet HTML 5Page - STMicroelectronics L7908C Datasheet HTML 6Page - STMicroelectronics L7908C Datasheet HTML 7Page - STMicroelectronics L7908C Datasheet HTML 8Page - STMicroelectronics L7908C Datasheet HTML 9Page - STMicroelectronics L7908C Datasheet HTML 10Page - STMicroelectronics L7908C Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
L7900 series
Electrical characteristics
7/24
Table 4.
Electrical characteristics of L7906C (refer to the test circuits, TJ = 0 to 125°C, VI = -11V,
IO = 500 mA, CI = 2.2 µF, CO = 1 µF unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
TJ = 25°C
-5.75
-6
-6.25
V
VO
Output voltage
IO = -5 mA to -1 A, PO ≤15 W
VI = -9.5 to -21.5 V
-5.7
-6
-6.3
V
∆VO(1)
Line regulation
VI = -8.5 to -25 V, TJ = 25°C
120
mV
VI = -9 to -15 V, TJ = 25°C
60
∆VO(1)
Load regulation
IO = 5 mA to 1.5 A, TJ = 25°C
120
mV
IO = 250 to 750 mA, TJ = 25°C
60
Id
Quiescent current
TJ = 25°C
3
mA
∆Id
Quiescent current change
IO = 5 mA to 1 A
0.5
mA
VI = -9.5 to -25 V
1.3
∆VO/∆T Output voltage drift
IO = 5 mA
-0.6
mV/°C
eN
Output noise voltage
B = 10Hz to 100KHz, TJ = 25°C
144
µV
SVR
Supply voltage rejection
∆VI = 10 V, f = 120Hz
54
60
dB
Vd
Dropout voltage
IO = 1 A, TJ = 25°C, ∆VO = 100 mV
1.4
V
Isc
Short circuit current
2
A
1.
Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be
taken into account separately. Pulse testing with low duty cycle is used.
Table 5.
Electrical characteristics of L7908C (refer to the test circuits, TJ = 0 to 125°C, VI = -14V,
IO = 500 mA, CI = 2.2 µF, CO = 1 µF unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
TJ = 25°C
-7.7
-8
-8.3
V
VO
Output voltage
IO = -5 mA to -1 A, PO ≤15 W
VI = -11.5 to -23 V
-7.6
-8
-8.4
V
∆VO(1)
Line regulation
VI = -10.5 to -25 V, TJ = 25°C
160
mV
VI = -11 to -17 V, TJ = 25°C
80
∆VO(1)
Load regulation
IO = 5 mA to 1.5 A, TJ = 25°C
160
mV
IO = 250 to 750 mA, TJ = 25°C
80
Id
Quiescent current
TJ = 25°C
3
mA
∆Id
Quiescent current change
IO = 5 mA to 1 A
0.5
mA
VI = -11.5 to -25 V
1
∆VO/∆T Output voltage drift
IO = 5 mA
-0.6
mV/°C
eN
Output noise voltage
B = 10Hz to 100KHz, TJ = 25°C
175
µV
SVR
Supply voltage rejection
∆VI = 10 V, f = 120Hz
54
60
dB
Vd
Dropout voltage
IO = 1 A, TJ = 25°C, ∆VO = 100 mV
1.1
V
Isc
Short circuit current
1.5
A
1.
Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be
taken into account separately. Pulse testing with low duty cycle is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com