Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI53112-A00AGM Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # SI53112-A00AGM
Description  DB1200ZL 12-OUTPUT PCIE GEN 3 BUFFER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SI53112-A00AGM Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  SI53112-A00AGM Datasheet HTML 1Page - Skyworks Solutions Inc. SI53112-A00AGM Datasheet HTML 2Page - Skyworks Solutions Inc. SI53112-A00AGM Datasheet HTML 3Page - Skyworks Solutions Inc. SI53112-A00AGM Datasheet HTML 4Page - Skyworks Solutions Inc. SI53112-A00AGM Datasheet HTML 5Page - Skyworks Solutions Inc. SI53112-A00AGM Datasheet HTML 6Page - Skyworks Solutions Inc. SI53112-A00AGM Datasheet HTML 7Page - Skyworks Solutions Inc. SI53112-A00AGM Datasheet HTML 8Page - Skyworks Solutions Inc. SI53112-A00AGM Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
Si53112
4
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
Rev. 1.1 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 2, 2021
1. Electrical Specifications
Table 1. DC Operating Characteristics
VDD_A =3.3 V±5%, VDD =3.3 V±5%
Parameter
Symbol
Test Condition
Min
Max
Unit
3.3 V Core Supply Voltage
VDD/VDD_A
3.3 V ±5%
3.135
3.465
V
3.3 V I/O Supply Voltage1
VDD_IO
1.05 V to 3.3 V ±5%
0.9975
3.465
V
3.3 V Input High Voltage
VIH
VDD
2.0
VDD+0.3
V
3.3 V Input Low Voltage
VIL
VSS-0.3
0.8
V
Input Leakage Current2
IIL
0 < VIN < VDD
–5
+5
µA
3.3 V Input High Voltage3
VIH_FS
VDD
0.7
VDD+0.3
V
3.3 V Input Low Voltage3
VIL_FS
VSS–0.3
0.35
V
3.3 V Input Low Voltage
VIL_Tri
0
0.8
V
3.3 V Input Med Voltage
VIM_Tri
1.2
1.8
V
3.3 V Input High Voltage
VIH_Tri
2.2
VDD
V
3.3 V Output High Voltage4
VOH
IOH =–1mA
2.4
V
3.3 V Output Low Voltage4
VOL
IOL =1mA
0.4
V
Input Capacitance5
CIN
2.5
4.5
pF
Output Capacitance5
COUT
2.5
4.5
pF
Pin Inductance
LPIN
—7
nH
Ambient Temperature
TA
No Airflow
–40
85
°C
Notes:
1. VDD_IO applies to the low-power NMOS push-pull HCSL compatible outputs.
2. Input Leakage Current does not include inputs with pull-up or pull-down resistors. Inputs with resistors should state
current requirements.
3. Internal voltage reference is to be used to guarantee VIH_FS and VIL_FS thresholds levels over full operating range.
4. Signal edge is required to be monotonic when transitioning through this region.
5. Ccomp capacitance based on pad metallization and silicon device capacitance. Not including pin capacitance.
Table 2. Current Consumption
TA = –40 to 85 °C; supply voltage VDD =3.3 V ±5%
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Operating Current
IDDVDD
133 MHz, VDD Rail
18
25
mA
IDDVDDA
133 MHz, VDDA + VDDR, PLL Mode
17
20
mA
IDDVDDIO
133 MHz, CL = Full Load, VDD IO Rail
85
110
mA
Power Down Current IDDVDDPD
Power Down, VDD Rail
0.4
1
mA
IDDVDDAPD
Power Down, VDDA Rail
2
5
mA
IDDVDDIOPD
Power Down, VDD_IO Rail
0.2
0.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com