Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M34C02-RMB1P Datasheet(PDF) 14 Page - STMicroelectronics

Part # M34C02-RMB1P
Description  2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34C02-RMB1P Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M34C02-RMB1P Datasheet HTML 10Page - STMicroelectronics M34C02-RMB1P Datasheet HTML 11Page - STMicroelectronics M34C02-RMB1P Datasheet HTML 12Page - STMicroelectronics M34C02-RMB1P Datasheet HTML 13Page - STMicroelectronics M34C02-RMB1P Datasheet HTML 14Page - STMicroelectronics M34C02-RMB1P Datasheet HTML 15Page - STMicroelectronics M34C02-RMB1P Datasheet HTML 16Page - STMicroelectronics M34C02-RMB1P Datasheet HTML 17Page - STMicroelectronics M34C02-RMB1P Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
Device operation
M34C02-W, M34C02-L, M34C02-R
14/31
3.7
Write Operations
Following a Start condition the bus master sends a Device Select Code with the RW bit
reset to 0. The device acknowledges this, as shown in Figure 8, and waits for an address
byte. The device responds to the address byte with an acknowledge bit, and then waits for
the data byte.
When the bus master generates a Stop condition immediately after the Ack bit (in the “10th
bit” time slot), either at the end of a Byte Write or a Page Write, the internal memory Write
cycle is triggered. A Stop condition at any other time slot does not trigger the internal Write
cycle.
During the internal Write cycle, Serial Data (SDA) and Serial Clock (SCL) are ignored, and
the device does not respond to any requests.
3.7.1
Byte Write
After the Device Select Code and the address byte, the bus master sends one data byte. If
the addressed location is hardware write-protected, the device replies to the data byte with
NoAck, and the location is not modified. If, instead, the addressed location is not Write-
protected, the device replies with Ack. The bus master terminates the transfer by generating
a Stop condition, as shown in Figure 8.
3.7.2
Page Write
The Page Write mode allows up to 16 bytes to be written in a single Write cycle, provided
that they are all located in the same page in the memory: that is, the most significant
memory address bits are the same. If more bytes are sent than will fit up to the end of the
page, a condition known as ‘roll-over’ occurs. This should be avoided, as data starts to
become overwritten in an implementation dependent way.
The bus master sends from 1 to 16 bytes of data, each of which is acknowledged by the
device if Write Control (WC) is Low. If the addressed location is hardware write-protected,
the device replies to the data byte with NoAck, and the locations are not modified. After each
byte is transferred, the internal byte address counter (the 4 least significant address bits
only) is incremented. The transfer is terminated by the bus master generating a Stop
condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com