Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU4530AX Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BU4530AX
Description  Silicon Diffused Power Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BU4530AX Datasheet(HTML) 1 Page - NXP Semiconductors

  BU4530AX Datasheet HTML 1Page - NXP Semiconductors BU4530AX Datasheet HTML 2Page - NXP Semiconductors BU4530AX Datasheet HTML 3Page - NXP Semiconductors BU4530AX Datasheet HTML 4Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Philips Semiconductors
Objective specification
Silicon Diffused Power Transistor
BU4530AX
GENERAL DESCRIPTION
Enhanced performance, new generation, high-voltage, high-speed switching npn transistor in a plastic full pack
envelope intended for use in horizontal deflection circuits of colour television receivers and p.c monitors. Features
exceptional tolerance to base drive and collector current load variations resulting in a very low worst case
dissipation.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
V
CESM
Collector-emitter voltage peak value
V
BE = 0 V
-
1500
V
V
CEO
Collector-emitter voltage (open base)
-
800
V
I
C
Collector current (DC)
-
16
A
I
CM
Collector current peak value
-
40
A
P
tot
Total power dissipation
T
hs ≤ 25 ˚C
-
45
W
V
CEsat
Collector-emitter saturation voltage
I
C = 10 A; IB = 2.5 A
-
3.0
V
I
Csat
Collector saturation current
f = 32kHz
10
-
A
f = 90kHz
8.0
-
A
t
f
Fall time
I
Csat = 10.0 A; f = 32kHz
t.b.f
t.b.f
µs
I
Csat = 8.0 A; f = 90kHz
t.b.f
t.b.f
µs
PINNING - SOT399
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
base
2
collector
3
emitter
case isolated
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum Rating System (IEC 134)
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
CESM
Collector-emitter voltage peak value
V
BE = 0 V
-
1500
V
V
CEO
Collector-emitter voltage (open base)
-
800
V
I
C
Collector current (DC)
-
16
A
I
CM
Collector current peak value
-
40
A
I
B
Base current (DC)
-
10
A
I
BM
Base current peak value
-
15
A
-I
BM
Reverse base current peak value
1
-10
A
P
tot
Total power dissipation
T
hs ≤
25 ˚C
-
45
W
T
stg
Storage temperature
-55
150
˚C
T
j
Junction temperature
-
150
˚C
case
12 3
b
c
e
1 Turn-off current.
January 1998
1
Rev 1.000


Similar Part No. - BU4530AX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BU4530AL PHILIPS-BU4530AL Datasheet
58Kb / 6P
Silicon Diffused Power Transistor
April 1999 Rev 1.100
logo
Inchange Semiconductor ...
BU4530AL ISC-BU4530AL Datasheet
239Kb / 2P
isc Silicon NPN Power Transistor
logo
NXP Semiconductors
BU4530AW PHILIPS-BU4530AW Datasheet
24Kb / 4P
Silicon Diffused Power Transistor
January 1998 Rev 1.000
logo
Inchange Semiconductor ...
BU4530AW ISC-BU4530AW Datasheet
100Kb / 2P
isc Silicon NPN Power Transistor
More results

Similar Description - BU4530AX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BU1706A PHILIPS-BU1706A Datasheet
76Kb / 7P
Silicon Diffused Power Transistor
September 1997 Rev 1.000
BU1706AB PHILIPS-BU1706AB Datasheet
83Kb / 7P
Silicon Diffused Power Transistor
February 1998 Rev 1.000
BU2506DF PHILIPS-BU2506DF Datasheet
66Kb / 7P
Silicon Diffused Power Transistor
September 1997 Rev 1.400
BU2507AX PHILIPS-BU2507AX Datasheet
55Kb / 6P
Silicon Diffused Power Transistor
eptember 1997 Rev 1.100
logo
Wing Shing Computer Com...
2SD1577 WINGS-2SD1577 Datasheet
138Kb / 1P
Silicon Diffused Power Transistor
S2005A WINGS-S2005A Datasheet
95Kb / 1P
SILICON DIFFUSED POWER TRANSISTOR
logo
NXP Semiconductors
BU2508DF PHILIPS-BU2508DF Datasheet
71Kb / 7P
Silicon Diffused Power Transistor
July 1998-Rev 1.600
BUJ100B PHILIPS-BUJ100B Datasheet
65Kb / 8P
Silicon Diffused Power Transistor
May 2001-Rev 1.000
BUJ105AD NXP-BUJ105AD Datasheet
88Kb / 12P
Silicon diffused power transistor
Rev. 01-14 December 2004
BUJ403A127 NXP-BUJ403A127 Datasheet
125Kb / 9P
Silicon Diffused Power Transistor
December 1998
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com